công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F6453MLFD bảng dữ liệu(PDF) 18 Page - Renesas Technology Corp

tên linh kiện R5F6453MLFD
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6453MLFD bảng dữ liệu(HTML) 18 Page - Renesas Technology Corp

Back Button R5F6453MLFD Datasheet HTML 14Page - Renesas Technology Corp R5F6453MLFD Datasheet HTML 15Page - Renesas Technology Corp R5F6453MLFD Datasheet HTML 16Page - Renesas Technology Corp R5F6453MLFD Datasheet HTML 17Page - Renesas Technology Corp R5F6453MLFD Datasheet HTML 18Page - Renesas Technology Corp R5F6453MLFD Datasheet HTML 19Page - Renesas Technology Corp R5F6453MLFD Datasheet HTML 20Page - Renesas Technology Corp R5F6453MLFD Datasheet HTML 21Page - Renesas Technology Corp R5F6453MLFD Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 150 page
background image
R01DS0074EJ0120 Rev.1.20
Page 18 of 144
Aug 07, 2013
R32C/153 Group
2. Central Processing Unit (CPU)
2.2
Fast Interrupt Registers
The following three registers are provided to minimize the overhead of the interrupt sequence.
2.2.1
Save Flag Register (SVF)
This 32-bit register is used to save the flag register when a fast interrupt occurs.
2.2.2
Save PC Register (SVP)
This 32-bit register is used to save the program counter when a fast interrupt occurs.
2.2.3
Vector Register (VCT)
This 32-bit register is used to indicate a jump address when a fast interrupt occurs.
2.3
DMAC-associated Registers
There are seven types of DMAC-associated registers.
2.3.1
DMA Mode Registers (DMD0, DMD1, DMD2, and DMD3)
These 32-bit registers are used to set DMA transfer mode, bit rate, etc.
2.3.2
DMA Terminal Count Registers (DCT0, DCT1, DCT2, and DCT3)
These 24-bit registers are used to set the number of DMA transfers.
2.3.3
DMA Terminal Count Reload Registers (DCR0, DCR1, DCR2, and DCR3)
These 24-bit registers are used to set the reloaded values for DMA terminal count registers.
2.3.4
DMA Source Address Registers (DSA0, DSA1, DSA2, and DSA3)
These 32-bit registers are used to set DMA source addresses.
2.3.5
DMA Source Address Reload Registers (DSR0, DSR1, DSR2, and DSR3)
These 32-bit registers are used to set the reloaded values for DMA source address registers.
2.3.6
DMA Destination Address Registers (DDA0, DDA1, DDA2, and DDA3)
These 32-bit registers are used to set DMA destination addresses.
2.3.7
DMA Destination Address Reload Registers (DDR0, DDR1, DDR2, and
DDR3)
These 32-bit registers are used to set reloaded values for DMA destination address registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com