công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6505AEVAL2 bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện ISL6505AEVAL2
Giải thích chi tiết về linh kiện  Multiple Linear Power Controller with ACPI Control Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6505AEVAL2 bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  ISL6505AEVAL2 Datasheet HTML 1Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 2Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 3Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 4Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 5Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 6Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 7Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 8Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN9109.2
ISL6505
Multiple Linear Power Controller with
ACPI Control Interface
The ISL6505 complements other power building blocks
(voltage regulators) in ACPI-compliant designs for
microprocessor and computer applications. The IC
integrates three linear controllers/regulators, switching,
monitoring and control functions into a 20-pin wide-body
SOIC or 20-pin QFN (also known as MLF) 5x5 package.
The ISL6505’s operating mode (active or sleep outputs) is
selectable through two digital control pins, S3 and S5.
One linear controller generates the 3.3VDUAL/3.3VSB
voltage plane from the ATX supply’s 5VSB output, powering
the south bridge and the PCI slots through an external NPN
pass transistor during sleep states (S3, S4/S5). In active
state (during S0 and S1/S2), the 3.3VDUAL/3.3VSB linear
regulator uses an external N-channel pass MOSFET to
connect the outputs directly to the 3.3V input supplied by an
ATX power supply, for minimal losses. The
3.3VDUAL/3.3VSB output is active for as long as the ATX 5VSB
voltage is applied to the chip.
A controller powers up the 5VDUAL plane by switching in the
ATX 5V output through an NMOS transistor in active states,
or by switching in the ATX 5VSB through a PMOS (or PNP)
transistor in S3 sleep state. In S4/S5 sleep states, the
ISL6505 5VDUAL output is either shut down or stays on,
based on the state of the EN5 pin.
An internal linear regulator supplies the 1.2V for the voltage
identification circuitry (VID) only during active states (S0 and
S1/S2), and uses the 3V3 pin as input source for its internal
pass element.
A linear controller generates VOUT1 from the
3.3VDUAL/3.3VSB voltage plane, using an external NFET.
The voltage is user-programmable to values between 1.2V
and 1.5V, using an external resistor divider. The mode is
user-selectable with the LAN pin; a logic high (or open)
selects the 10/100 LAN mode, where VOUT1 is always on
(S0-S5); a logic low selects the Gigabit Ethernet mode,
where VOUT1 is only on during active modes (S0-S2).
Features
• Provides four ACPI-Controlled Voltages
-5VDUAL USB/Keyboard/Mouse
-3.3VDUAL/3.3VSB PCI/Auxiliary/LAN
-1.2VVID Processor VID Circuitry
-VOUT1 (1.2V - 1.5V programmable) LAN/Ethernet
• Excellent Output Voltage Regulation
- All Outputs:
±2.0% over temperature (as applicable)
• Small Size; Very Low External Component Count
• Undervoltage Monitoring of All Outputs with Centralized
FAULT Reporting and Temperature Shutdown
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Lead-Free Available as an Option
Applications
• ACPI-Compliant Power Regulation for Motherboards
Pinouts - See page 6.
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6505CB
0 to 70
20 Ld Wide SOIC
M20.3
ISL6505CR
0 to 70
20 Ld 5x5 QFN
L20.5x5
ISL6505CRZ
(Note 1)
0 to 70
20 Ld 5x5 QFN
(Lead-Free)
L20.5x5
ISL6505CRZ-T
(Note 1)
0 to 70
20 Ld 5x5 QFN
Tape & Reel (Lead-Free)
L20.5x5
ISL6505EVAL1
Evaluation Board (SOIC)
ISL6505EVAL2
Evaluation Board (QFN)
NOTE:
1. Intersil Lead-Free products employ special lead-free material sets;
molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
lead-free soldering operations. Intersil Lead-Free products are
MSL classified at lead-free peak reflow temperatures that meet or
exceed the lead-free requirements of IPC/JEDEC J Std-020B.
Data Sheet
January 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Số phần tương tự - ISL6505AEVAL2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL6505 RENESAS-ISL6505 Datasheet
861Kb / 18P
Multiple Linear Power Controller with ACPI Control Interface
ISL6505CB RENESAS-ISL6505CB Datasheet
861Kb / 18P
Multiple Linear Power Controller with ACPI Control Interface
ISL6505CR RENESAS-ISL6505CR Datasheet
861Kb / 18P
Multiple Linear Power Controller with ACPI Control Interface
ISL6505CRZ RENESAS-ISL6505CRZ Datasheet
861Kb / 18P
Multiple Linear Power Controller with ACPI Control Interface
ISL6505EVAL1 RENESAS-ISL6505EVAL1 Datasheet
861Kb / 18P
Multiple Linear Power Controller with ACPI Control Interface
More results

Mô tả tương tự - ISL6505AEVAL2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
1999 12
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
Multiple Linear Power Controller with ACPI Control Interface
April 13, 2004
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
Multiple Linear Power Controller with ACPI Control Interface
May 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com