| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AWG2020 bảng dữ liệu(PDF) 3 Page - Advanced Semiconductor Business Inc. |
|
|
|||||||||||||||||||||||||||||
AWG2020 bảng dữ liệu(HTML) 3 Page - Advanced Semiconductor Business Inc. |
|
3 / 13 page ![]() 3/13 ASB Inc. sales@asb.co.kr July 2014 AWG2020 2.4 Absolute Maximum Ratings Parameters Max. Ratings Operation Case Temperature -40 to 85 C Storage Temperature -40 to 150 C Device Voltage +6 V Operation Junction Temperature +150 C Input RF Power (CW, 50 matched) +29 dBm 2.5 Thermal Resistance Symbol Description Typ Unit Rth Thermal resistance from junction to lead 80 C/W 2.6 ESD Classification & Moisture Sensitivity Level ESD Classification HBM Class 1B Voltage Level: 750 V MM Class A Voltage Level: 100 V Contact Discharge Voltage Level: 1.8 kV (Input), 4 kV (Output) Air Contact Discharge (10 cm) Voltage Level: > 20 kV CAUTION: Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices. Moisture Sensitivity Level MSL 3 at 260 C reflow (Intentionally Blanked) |