| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASL54T8 bảng dữ liệu(PDF) 12 Page - Advanced Semiconductor Business Inc. |
|
|
|||||||||||||||||||||||||||||
ASL54T8 bảng dữ liệu(HTML) 12 Page - Advanced Semiconductor Business Inc. |
|
12 / 13 page ![]() 12/13 ASB Inc. sales@asb.co.kr June 2014 ASL54T8 Symbols Dimensions (In mm) MIN NOM MAX A - 0.20REF - B 0.18 0.23 0.28 D 1.95 2.00 2.03 D1 - 1.7BSC - E 1.95 2.00 2.03 E1 - 0.7BSC - E2 - 0.5BSC - L 0.35 0.40 0.45 H 0.80 0.85 0.90 5. Package Outline (TDFN8) 6. Surface Mount Recommendation (In mm) NOTE 1. Recommended is that the ground via holes be placed on the bottom of exposed pad of the device for better RF and thermal performance, as shown in the drawing at the left side. |