công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSH66XU bảng dữ liệu(PDF) 1 Page - Cynergy3 Co

tên linh kiện SSH66XU
Giải thích chi tiết về linh kiện  Compact Switch for internal or external mounting via 1/2NPT thread
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYNERGY3 [Cynergy3 Co]
Trang chủ  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

SSH66XU bảng dữ liệu(HTML) 1 Page - Cynergy3 Co

  SSH66XU Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cynergy3.com
© 2011 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
SSH66XU series
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The SSH66XU series are horizontal float
switches, which offer the choice of internal
or external fixing 1/2”NPT threads.
The float is manufactured from High Grade
316 stainless steel and the stem is
manufactured from 304 stainless steel.
The switch action may be reversed by
mounting the device with the float able to
move upwards away from the body, instead
of the more normal downwards direction.
Mechanical Dimensions
Operating temperature to 120°C
Custom versions can be made for particular applications. Please contact Cynergy3 with your requirements.
RSF40
Compact internal tting side
mounting oatswitch
Internal or External mount
Stainless steel SUS304/316
N/O or N/C switching action
T
echnical Specification
Mounting style
Internal/External
Cable length - standard
100cm
Mounting thread
1/2”NPT
Cable size
17/0.10 - AWG22
Float & Stem material
316/304grade SS
Cable conductor material
Tinned copper
Maximum Temperature
120 C
Cable sheath material
XLPE
Maximum pressure
10 bar
Cable temperature rating
125 C
Float SG
0.7
Sealing gasket
Not applicable
Minimum fluid SG
0.75
Tightening torque for fixing nut 2.0kg/cm
Electrical Specification
Contact Form
N/O (N/C)
Switching Power Max
VA
50
Switching Voltage AC Max V
300
Switching Voltage DC Max V
300
Switching Current Max
A
0.5
Breakdown Voltage Min
DC
600
All ratings are for resistive load only.
Standard Parts
Material
Max Power
Leadouts
Gasket
SSH66XU12N100
316/304 SS
50VA
100cm XLPE
N/A
°
°
ON
15º
1/2"NPT
Hex 22
Lead wire
1 M
140
94
47
Ø17
16
16
14
Compact Switch for internal or external mounting via
1/2”NPT thread.
8


Số phần tương tự - SSH66XU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cynergy3 Co
SSH66XE CYNERGY3-SSH66XE Datasheet
953Kb / 1P
Switch for 3/4 NPT External Fitting
SSH66XE34 CYNERGY3-SSH66XE34 Datasheet
953Kb / 1P
Switch for 3/4NPT External Fitting
SSH66XE34N100 CYNERGY3-SSH66XE34N100 Datasheet
953Kb / 1P
Switch for 3/4 NPT External Fitting
SSH66XE34NP CYNERGY3-SSH66XE34NP Datasheet
953Kb / 1P
Switch for 3/4 NPT External Fitting
More results

Mô tả tương tự - SSH66XU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cynergy3 Co
RSF80 CYNERGY3-RSF80 Datasheet
382Kb / 1P
compact external mount with taper thread
SSF215 CYNERGY3-SSF215 Datasheet
1Mb / 1P
Long reach external mount float switch via 1/2NPT
SSH66TU CYNERGY3-SSH66TU Datasheet
550Kb / 1P
Short Switch for internal or external mounting via 1/2NPT thread
SSF212 CYNERGY3-SSF212 Datasheet
379Kb / 1P
compact external fitting with npt taper thread
SSF217 CYNERGY3-SSF217 Datasheet
54Kb / 1P
Compact external fitting float switch via BSP thread
logo
List of Unclassifed Man...
ANT-916-JJB-RA ETC2-ANT-916-JJB-RA Datasheet
196Kb / 1P
Good for internal or external mounting
logo
Total Power Internation...
TPAC301 TOTAL-POWER-TPAC301 Datasheet
505Kb / 2P
INTERNAL OR-ING DIODES FOR N1 REDUNDANCY
logo
Cynergy3 Co
SSF214 CYNERGY3-SSF214 Datasheet
1Mb / 1P
Compact internal mount via BSP thread
logo
Maxim Integrated Produc...
MAX11300PMB1 MAXIM-MAX11300PMB1 Datasheet
14Mb / 9P
Internal or External Reference for ADC and DAC
Rev 2; 6/14
logo
Linx Technologies
ANT-2.4-JJB LINX-ANT-2.4-JJB Datasheet
422Kb / 2P
Good for internal or external mounting
4/11/16
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com