công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSV10AR bảng dữ liệu(PDF) 2 Page - Cynergy3 Co

tên linh kiện FSV10AR
Giải thích chi tiết về linh kiện  Inline Flow Switch for G1pipe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYNERGY3 [Cynergy3 Co]
Trang chủ  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

FSV10AR bảng dữ liệu(HTML) 2 Page - Cynergy3 Co

  FSV10AR Datasheet HTML 1Page - Cynergy3 Co FSV10AR Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Common
Neutral
24Vac
240Vac
Spare 240Vac
Normally open
Normally closed
Output at Zero Flow
Power supply
Delay adjustment
Output indicator LED
Test button
Flow
Direction
Installation information
The flow switch must be mounted vertically with the flow
direction upwards. Pipe connection is G1” (1”BSP). The
device relies on the flow of liquid working in opposition to
gravity to operate the relay.
The liquid flow moves a plunger inside the brass flow tube,
when the flow increases beyond the minimum specified level.
A magnet inside the plunger closes a magnetic switch in the
control circuit, so causing this to operate the output relay.
If the flow drops below the specified level and the plunger
has returned to the lower position, the output relay will
remain energised for the time delay set and will then be de-
enrgised.
The output relay will also be energised for the time delay set,
if the unit is disconnected then reconnected to the supply
voltage or the test button is pushed.
The unit can operate on a supply voltage of either 24 or
240Vac.
The output is a SPCO electromechanical relay with contacts
rated to 10A(4) A 250Vac.
There is a spare terminal connected to the 240Vac supply
that can be used, if a 240Vac supply is being used, to link to
the common contact of the relay, if a 240Vac output is
required.
FSV10AR
www.cynergy3.com
© 2012 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Inline Flow Switch for G1”pipe



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com