| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADMCF341 bảng dữ liệu(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMCF341 bảng dữ liệu(HTML) 19 Page - Analog Devices |
|
19 / 36 page ![]() REV. A ADMC(F)341 –19– 100 10 1 1 10 100 TUNED ICONST DEFAULT ICONST Figure 14. Timing Capacitor Selection Analog Front End The main analog inputs of the ADMC(F)341 (ISENSE1 to ISENSE3) are connected to the ADC converter through three front end blocks. Figure 15 shows the block diagram of a single analog front end. SHA TIMER REGISTER SHA STATE MACHINE OVERCURRENT COMPARATOR SHA TIMER COUNTER VOLTAGE (THIS IS NOT AVAILABLE EXTERNALLY ON THE ADMC(F)341) CURRENT PWMSYNC CLOCKOUT MODECTRL REGISTER CHANNEL SELECTION (ISENSE/V) ADC CONVERSION STATUS BIT (ADC REGISTER) SHA –2.5 VxL (TO ADC) TRIP (TO PWMTRIP FILTER) TRIP REF HIGH TRIP REF LOW Figure 15. Analog Front End Block Diagram N–1 N N+1 N+2 N+3 N+4 N+5 1 2 3 4 5 6 7 8 9 10 11 12 CYCLE PWMSYNC VC SHA TIMER COUNTER SHA STATUS ISENSE INPUT ADC REGISTER X T H T H H T H DATA READY SAMPLED ON CYCLE N–2 INVALID LSB = 1 DATA READY SAMPLED ON CYCLE N INVALID LSB = 1 DATA READY SAMPLED ON CYCLE N+2 DATA READY SAMPLED ON CYCLE N+4 SS S S TSAMPLE TSAMPLE TSAMPLE TSAMPLE TRACK Figure 16. ADC Conversion Sequence of a Current Input |