công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADMC331 bảng dữ liệu(PDF) 26 Page - Analog Devices

tên linh kiện ADMC331
Giải thích chi tiết về linh kiện  Single Chip DSP Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADMC331 bảng dữ liệu(HTML) 26 Page - Analog Devices

Back Button ADMC331_15 Datasheet HTML 22Page - Analog Devices ADMC331_15 Datasheet HTML 23Page - Analog Devices ADMC331_15 Datasheet HTML 24Page - Analog Devices ADMC331_15 Datasheet HTML 25Page - Analog Devices ADMC331_15 Datasheet HTML 26Page - Analog Devices ADMC331_15 Datasheet HTML 27Page - Analog Devices ADMC331_15 Datasheet HTML 28Page - Analog Devices ADMC331_15 Datasheet HTML 29Page - Analog Devices ADMC331_15 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ADMC331
–26–
REV. B
System Controller Registers
The system controller includes three registers, MODECTRL,
SYSSTAT and IRQFLAG registers. The format of these regis-
ters is shown at the end of the data sheet.
The MODECTRL register controls different multiplexing,
PWM interrupt and operating modes:
• Bit 0 and 1 control the multiplexing of the ADC auxiliary
channels.
• Bit 2 enables/disables the
PWMTRIP interrupt: if the bit is
set the interrupt is enabled.
• Bit 3 enables/disables the PWMSYNC interrupt: if the bit is
set the interrupt is enabled.
• Bit 4 controls the multiplexing of the SPORT1 pins: if the bit
is set DR1B is selected.
• Bit 5 controls the configuration of SPORT1 as a UART inter-
face: if the bit is set UART mode is enabled.
• Bit 6 selected the PWM operating mode: single or double
duty cycle update modes. If the bit is set double update mode
is selected.
• Bit 7 selects the ADC counter frequency: if the bit is set full
DSP clkout frequency is selected.
• Bit 8 selects the Auxiliary PWM operating mode: offset or
independent modes: if the bit is set independent mode is
selected.
The SYSSTAT register displays various status information:
• Bit 0 indicates the status of the
PWMTRIP pin: if this bit is
high, then
PWMTRIP pin is high and no PWMTRIP is oc-
curring, if this bit is low, then the PWM is currently shut
down.
• Bit 1 indicates the status of the watchdog flag register: this bit
is set following a watchdog timeout.
• Bit 2 indicates the status of the PWMPOL pin: if this bit is
set, the PWMPOL pin is high and active high PWM outputs
will be produced.
• Bit 3 indicates the status of the PWM timer.
• Bit 4 indicates the status of the
PWMSR pin: if this bit is set
to a logic one, the
PWMSR pin is low and switched reluc-
tance mode is enabled.
The IRQFLAG register indicates the occurrence of PWM
interrupts:
• Bit 0 indicates that a
PWMTRIP interrupt, either hardware of
software, has occurred.
• Bit 1 indicates that a PWMSYNC interrupt has occurred.
Register Memory Map
The address, name, used bits and function of all motor control
peripheral registers of the ADMC331 are tabulated in Table X.
In addition, the relevant DSP core registers are tabulated in
Table XI. Full details of the DSP core registers can be obtained
by referring to the ADSP-2171 sections of the ADSP-2100 Family
User’s Manual, Third Edition.
Development Kit
To facilitate device evaluation and programming, an evaluation
kit (ADMC331-EVAL KIT) is available from Analog Devices.
The evaluation kit consists of an evaluation board and the
Motion Control Debugger software. The evaluation kit con-
tains latest programming and device information. It is recom-
mended that the evaluation kit be used for initial program
development.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com