| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPC337 bảng dữ liệu(PDF) 3 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC337 bảng dữ liệu(HTML) 3 Page - NEC |
|
3 / 8 page ![]() 3 µPC337 TYPICAL CONNECTION Remark R1, R2 : Resistor to set the output voltage. VO = (1 + ) • VREF + IADJ • R2 = (1 + ) • VREF VO (V) R2 ( Ω : TYP.) –1.25 0 –2.5 120 –5.0 360 –12 1032 –24 2184 –30 2760 CIN : Need to stop the oscillation for the long input wiring length. CO : Need to stop the oscillation for the long output wiring length. Improve the transient stability of the output voltage when the lord current is suddently changed. CADJ : Improve the ripple rejection and the oscillate rejection. D1 : Protect against CADJ from output short. D2 : Need for VIN > VO. R2 R1 R2 R1 • • PC337 INPUT OUTPUT CADJ 10 F VO D1 D2 R2 ADJ R1 120 Ω CIN 1 F CO 4.7 F VIN + + µ µ µ µ |