công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM8690 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADM8690
Giải thích chi tiết về linh kiện  Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM8690 bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADM8690_15 Datasheet HTML 1Page - Analog Devices ADM8690_15 Datasheet HTML 2Page - Analog Devices ADM8690_15 Datasheet HTML 3Page - Analog Devices ADM8690_15 Datasheet HTML 4Page - Analog Devices ADM8690_15 Datasheet HTML 5Page - Analog Devices ADM8690_15 Datasheet HTML 6Page - Analog Devices ADM8690_15 Datasheet HTML 7Page - Analog Devices ADM8690_15 Datasheet HTML 8Page - Analog Devices ADM8690_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADM8690/ADM8691/ADM8692/ADM8693/ADM8695
Rev. B | Page 3 of 20
GENERAL DESCRIPTION
The ADM869x family of supervisory circuits offers complete
single- chip solutions for power supply monitoring and battery
control functions in microprocessor systems. These functions
include microprocessor reset, backup battery switchover,
watchdog timer, CMOS RAM write protection, and power
failure warning. The complete family provides a variety of
configurations to satisfy most microprocessor system
requirements.
The ADM869x family is fabricated using an advanced epitaxial
CMOS process combining low power consumption (0.7 mW),
extremely fast chip enable gating (3 ns), and high reliability.
RESET assertion is guaranteed with VCC as low as 1 V. In
addition, the power switching circuitry is designed for minimal
voltage drop thereby permitting increased output current drive
of up to 100 mA without the need of an external pass transistor.
See Table 1 for a product selection guide listing the characteristics
of each device in the ADM869x family. To place an order, use
the Ordering Guide provided as the last section of this data sheet.
Table 1. Product Selection Guide
Part
Number
Nominal
Reset Time
Nominal V
CC Reset
Threshold
Nominal Watchdog
Timeout Period
Battery Backup
Switching
Base Drive
Ext PNP
Chip Enable
Signals
ADM8690
50 ms
4.65 V
1.6 s
Yes
No
No
ADM8691
50 ms or ADJ
4.65 V
100 ms, 1.6 s, ADJ
Yes
Yes
Yes
ADM8692
50 ms
4.4 V
1.6 s
Yes
No
No
ADM8693
50 ms or ADJ
4.4 V
100 ms, 1.6 s, ADJ
Yes
Yes
Yes
ADM8695
200 ms or ADJ
4.65 V
100 ms, 1.6 s, ADJ
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com