| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPC317HF bảng dữ liệu(PDF) 1 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC317HF bảng dữ liệu(HTML) 1 Page - NEC |
|
1 / 6 page ![]() DATA SHEET The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. Not all devices/types available in every country. Please check with local NEC representative for availability and additional information. BIPOLAR ANALOG INTEGRATED CIRCUIT µµµµPC317 3-TERMINAL POSITIVE ADJUSTABLE REGULATOR Document No. G12826EJ3V0DS00 (3rd edition) Date Published January 2000 N CP(K) Printed in Japan DATA SHEET © 2000 DESCRIPTION The µPC317 is an adjustable 3-terminal positive voltage regulator, which has 1.5 A capable for the output current. The output voltage can be set any value between 1.3 V and 30 V by two external resistors. FEATURES PIN CONFIGURATION (Marking Side) • Output current excess of 1.5 A • On-chip some protection circuit (over current protec- tion, SOA protection and thermal shut down). ORDERING INFORMATION Part Number Package µPC317HF 3-pin plastic SIP (MP-45G) (isolated TO-220) EQUIVALENT CIRCUIT R27 R6 R1 R9 R10 R11 R12 R13 R14 R15 Q19 Q11 Q7 Q9 Q6 Q5 Q3 Q2 Q12 R2 R7 R8 R3 R4 R5 D1 Q4 Q8 Q14 C1 C2 C3 Q18 Q22 D2 D3 R23 R22 R20 R17 R16 R21 R18 R19 R24 R25 R26 Q20 Q24 Q21 Q23 Q26 Q25 Q16 Q17 Q13 Q15 Q10 OUTPUT INPUT ADJ 3-pin plastic SIP (MP-45G) µPC317HF 123 1 : ADJ 2 : OUTPUT 3 : INPUT |
Số phần tương tự - UPC317HF |
|
Mô tả tương tự - UPC317HF |