| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W632GG8KB bảng dữ liệu(PDF) 49 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
W632GG8KB bảng dữ liệu(HTML) 49 Page - Winbond |
|
49 / 159 page ![]() W632GG8KB Publication Release Date: Dec. 08, 2014 Revision: A04 - 49 - T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 CK# CK Command *3 READ Address *4 NOP NOP NOP NOP READ NOP Bank Col n DQS, DQS# DQ *2 RL = 6 Dout n Dout n+1 RL = 6 tRPRE Dout n+2 Dout n+3 Dout n+4 Dout n+5 Dout n+6 Dout n+7 tRPST NOP NOP NOP T11 T12 T13 T14 NOP Bank Col b NOP NOP NOP NOP Dout b Dout b+1 Dout b+2 Dout b+3 Dout b+4 Dout b+5 Dout b+6 Dout b+7 tCCD TRANSITIONING DATA DON'T CARE NOTES: 1. BL8, RL = 6 (CL = 6, AL = 0). 2. Dout n (or b) = data-out from column n (or column b). 3. NOP commands are shown for ease of illustration; other commands may be valid at these times. 4. BL8 setting activated by either MR0 A[1:0] = 00 or MR0 A[1:0] = 01 and A12 = 1 during READ commands at T0 and T4. Figure 29 – READ (BL8) to READ (BL8) T0 T1 T3 T4 T5 T6 T7 T8 T9 T10 T11 CK# CK Command*3 READ Address*4 NOP NOP NOP NOP READ NOP Bank Col n DQS, DQS#*5 DQ*2 RL = 6 RL = 6 tRPRE tRPST NOP NOP NOP T12 T13 T14 T15 NOP Bank Col b NOP NOP NOP NOP tCCD = 5 TRANSITIONING DATA DON'T CARE NOTES: 1. BL8, RL = 6 (CL = 6, AL = 0), tCCD = 5. 2. Dout n (or b) = data-out from column n (or column b). 3. NOP commands are shown for ease of illustration; other commands may be valid at these times. 4. BL8 setting activated by either MR0 A[1:0] = 00 or MR0 A[1:0] = 01 and A12 = 1 during READ commands at T0 and T5. 5. DQS-DQS# is held logic low at T10. Dout n Dout n+1 Dout n+2 Dout n+3 Dout n+4 Dout n+5 Dout n+6 Dout n+7 Dout b Dout b+1 Dout b+2 Dout b+3 Dout b+4 Dout b+5 Dout b+6 Dout b+7 TIME BREAK Figure 30 – Nonconsecutive READ (BL8) to READ (BL8), tCCD=5 |