công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

70353C bảng dữ liệu(PDF) 63 Page - Microchip Technology

tên linh kiện 70353C
Giải thích chi tiết về linh kiện  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C bảng dữ liệu(HTML) 63 Page - Microchip Technology

Back Button 70353C Datasheet HTML 59Page - Microchip Technology 70353C Datasheet HTML 60Page - Microchip Technology 70353C Datasheet HTML 61Page - Microchip Technology 70353C Datasheet HTML 62Page - Microchip Technology 70353C Datasheet HTML 63Page - Microchip Technology 70353C Datasheet HTML 64Page - Microchip Technology 70353C Datasheet HTML 65Page - Microchip Technology 70353C Datasheet HTML 66Page - Microchip Technology 70353C Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
© 2008-2011 Microchip Technology Inc.
DS70353C-page 21-63
Section 21. Enhanced Controller Area Network (ECAN™)
21
21.10
ECAN ERROR MANAGEMENT
21.10.1 CAN Bus Errors
The CAN specification defines five different ways of detecting errors:
• Bit Error
• Acknowledge Error
• Form Error
•Stuffing Error
• CRC Error
The bit error and the acknowledge error occur at the bit level; the other three errors occur at the
message level.
21.10.1.1 BIT ERROR
A node that is sending a bit on the bus also monitors the bus. A bit error is detected when the bit
value that is monitored is different from the bit value that is sent. An exception is when a
recessive bit is sent during the stuffed bit stream of the Arbitration field or during the ACK slot. In
this case, no bit error occurs when a dominant bit is monitored. A transmitter sending a passive
error frame and detecting a dominant bit does not interpret this as a bit error.
21.10.1.2 ACKNOWLEDGE ERROR
In the Acknowledge field of a message, the transmitter checks if the Acknowledge Slot (which it
has sent out as a recessive bit) contains a dominant bit. If not, this implies that no other node has
received the frame correctly. An acknowledge error has occurred, and as a result, the message
must be repeated. No error frame is generated in this case.
21.10.1.3 FORM ERROR
A form error is detected when a fixed-form bit field (EOF, Inter-frame Space, Acknowledge
Delimiter or CRC Delimiter) contains one or more illegal bits. For a receiver, a dominant bit during
the last bit of EOF is not treated as a form error.
21.10.1.4 STUFFING ERROR
A stuffing error is detected at the bit time of the sixth consecutive equal bit level in a message
field that should be coded by the method of bit stuffing.
21.10.1.5 CRC ERROR
The node transmitting a message computes and transmits the CRC corresponding to the
transmitted message. Every receiver on the bus performs the same CRC calculation as the
transmitter. A CRC error is detected if the calculated result is not the same as the CRC value
obtained from the received message.
21.10.2 Fault Confinement
Every CAN controller on a bus tries to detect the errors outlined above within each message. If
an error is found, the discovering node transmits an error frame, thus destroying the bus traffic.
The other nodes detect the error caused by the error frame (if they have not already detected the
original error) and take appropriate action (that is, discard the current message).
The ECAN module maintains two error counters:
• Transmit Error Counter (CiEC<15:8>)
• Receive Error Counter (CiEC<7:0>)
There are several rules governing how these counters are incremented and/or decremented.
That is, a transmitter detecting a fault increments its transmit error counter faster than the
listening nodes will increment their receive error counter. This is because there is a good chance
that it is the transmitter that is at fault.
Note:
The error counters are modified according to the CAN Specification 2.0B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com