| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLRO1210 bảng dữ liệu(PDF) 2 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
PLRO1210 bảng dữ liệu(HTML) 2 Page - Protek Devices |
|
2 / 5 page ![]() Only One Name Means ProTek’Tion™ www.protekdevices.com 05434.R0 7/13 Page 2 PLRO1210 Series tyPicaL device chaRacteRiSticS theRmaL deRatinG chaRt - ih(a) PaRt numBeR -40°c -20°c 0°c 25°c 40°c 50°c 60°c 70°c PLRO1210-190 3.2 2.8 2.4 1.9 1.6 1.4 1.2 1.0 PLR01210-300 5.4 4.6 3.9 3.0 2.7 2.5 2.1 1.6 PLRO1210-380 5.7 5.1 4.4 3.8 3.2 2.7 2.3 1.8 eLectRicaL SPeciFicatiOnS @ 25°c PaRt numBeR maRkinG cOde hOLdinG cuRRent i h amPS tRiP cuRRent i t amPS OPeRatinG vOLtaGe v dc vOLtS inteRRuPt cuRRent i maX amPS maXium time-tO-tRiP @5 i ha t tRiP Seconds maXimum tRiPPed State POWeR diSSiPatiOn @6v P d WattS ReFeRence ReSiStance (note 1) R OhmS maXimum tWO hOuRS POSt ReFLOW ReSiStance R OhmS min tyP PLRO1210-190 F 1.9 4.9 6 50 4.0 1.0 0.006 0.013 0.026 PLR01210-300 I 3.0 8.0 6 50 4.0 1.0 0.004 0.009 0.018 PLRO1210-380 K 3.8 9.0 6 50 4.0 1.0 0.002 0.008 0.017 nOteS 1. The maximum resistance of two hours post reflow is a reference value. The value may change a little according to reflow conditions and soldering state. |