công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMP9701EVAL2 bảng dữ liệu(PDF) 6 Page - Intersil Corporation

tên linh kiện HMP9701EVAL2
Giải thích chi tiết về linh kiện  AC??7 Audio Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP9701EVAL2 bảng dữ liệu(HTML) 6 Page - Intersil Corporation

Back Button HMP9701EVAL2 Datasheet HTML 2Page - Intersil Corporation HMP9701EVAL2 Datasheet HTML 3Page - Intersil Corporation HMP9701EVAL2 Datasheet HTML 4Page - Intersil Corporation HMP9701EVAL2 Datasheet HTML 5Page - Intersil Corporation HMP9701EVAL2 Datasheet HTML 6Page - Intersil Corporation HMP9701EVAL2 Datasheet HTML 7Page - Intersil Corporation HMP9701EVAL2 Datasheet HTML 8Page - Intersil Corporation HMP9701EVAL2 Datasheet HTML 9Page - Intersil Corporation HMP9701EVAL2 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Input Audio Slot 2: Status Data
This slot delivers control register read data.
Input Audio Slot 3: PCM Record Left Channel
This slot contains an audio sample captured by the left chan-
nel ADC. The resolution of the ADC is 16 bits and is MSB
justified in the 20-bit slot.
Input Audio Slot 4: PCM Record Right Channel
This slot contains an audio sample captured by the right
channel ADC. The resolution of the ADC is 16 bits and is
MSB justified in the 20-bit slot.
Input Audio Slot 6: Microphone Record Channel
This slot contains an audio sample captured by the dedi-
cated microphone ADC. The resolution of the ADC is 16 bits
and is MSB justified in the 20-bit slot. This input allows
higher performance echo cancellation algorithms in speaker
phone applications.
Slots 5, 7-12: Reserved
Audio input slots 5, and 7-12 are reserved, and they are set
to “0”.
Low Power Modes
The HMP9701 may be put in a programmable powerdown state
to reduce power when no activity is required. The state of pow-
erdown is controlled by the Powerdown Register (26h). This
register provides 6 commands to powerdown various sections
of the HMP9701. A summary of the power down commands is
given in Table 10 with a more complete description given in the
Control Register Section. Note, the HMP9701 is a fully static
design which will preserve the contents of the internal control
registers if the internal clock is stopped.
TABLE 6. BIT MAP FOR SLOT 1: STATUS DATA
BITS
DESCRIPTION
COMMENT
19:4
Control Register
Read Data
Stuffed with 0’s if slot tagged invalid
3:0
Reserved
Stuffed with 0’s
TABLE 7. BIT MAP FOR SLOT 3: LEFT CHANNEL RECORD DATA
BITS
DESCRIPTION
COMMENT
19:4
PCM Record Sample
Left Channel
16-Bit audio sample from Left
Record ADC
3:0
Reserved
Stuffed with 0’s
TABLE 8. BIT MAP FOR SLOT 4: RIGHT CHANNEL RECORD DATA
BITS
DESCRIPTION
COMMENT
19:4
PCM Record Sample
Right Channel
16-Bit audio sample from Right
Record ADC
3:0
Reserved
Stuffed with 0’s
FIGURE 6. AC LINK AUDIO INPUT FRAME
CODEC
READY
SLOT SLOT
SLOT
“0”
“0”
“0”
BIT 19
BIT 0 BIT 19
BIT 0
BIT 19
BIT 0
SYNC
SDATA_IN
BIT_CLK
12.288MHz
81.4ns
TAG PHASE
DATA PHASE
20.8
µs
(48kHz)
TIME SLOT “VALID” BITS
(“1” = TIME SLOT CONTAINS VALID DATA)
“1” = AC LINK INTERFACE
IS FUNCTIONAL
SLOT 1
SLOT 2
SLOT 12
12
2
1
TABLE 9. BIT MAP FOR SLOT 6: MICROPHONE RECORD DATA
BITS
DESCRIPTION
COMMENT
19:4
PCM Record Sample
Microphone Channel
16-Bit Audio Sample From
Dedicated Microphone ADC
3:0
Reserved
Stuffed with 0’s
TABLE 10. SUMMARY OF POWERDOWN REGISTER (26H)
BIT
FUNCTION
PR0
Input Mux and ADC Powerdown
PR1
DAC Powerdown
PR2
Analog Mixer Powerdown (VREF On)
PR3
Analog Mixer Powerdown (VREF Off)
PR4
Digital Interface (AC-Link) Powerdown (External CLK Off)
PR5
Internal CLK Disable
HMP9701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com