công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG784 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADG784
Giải thích chi tiết về linh kiện  CMOS 3 V/5 V, Wide Bandwidth Quad
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG784 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADG784 Datasheet HTML 1Page - Analog Devices ADG784 Datasheet HTML 2Page - Analog Devices ADG784 Datasheet HTML 3Page - Analog Devices ADG784 Datasheet HTML 4Page - Analog Devices ADG784 Datasheet HTML 5Page - Analog Devices ADG784 Datasheet HTML 6Page - Analog Devices ADG784 Datasheet HTML 7Page - Analog Devices ADG784 Datasheet HTML 8Page - Analog Devices ADG784 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADG784
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
© Analog Devices, Inc.,
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1
Mux in Chip Scale Package
FUNCTIONAL BLOCK DIAGRAM
ADG784
S1A
S1B
D1
S2A
S2B
S3B
S3A
S4A
S4B
D2
D3
D4
IN
EN
1-OF-2
DECODER
FEATURES
Low Insertion Loss and On Resistance: 4
Typical
On-Resistance Flatness <2
Bandwidth >200 MHz
Single 3 V/5 V Supply Operation
Rail-to-Rail Operation
Very Low Distortion: <1%
Low Quiescent Supply Current (100 nA Typical)
Fast Switching Times
tON 10 ns
tOFF 4 ns
TTL/CMOS Compatible
For Functionally Equivalent Devices in 16-Lead QSOP/
SOIC Packages, See ADG774
APPLICATIONS
100VG-AnyLAN
Token Ring 4 Mbps/16 Mbps
ATM25/155
NIC Adapter and Hubs
Audio and Video Switching
Relay Replacement
GENERAL DESCRIPTION
The ADG784 is a monolithic CMOS device comprising four
2:1 multiplexer/demultiplexers with high impedance outputs.
The CMOS process provides low power dissipation yet gives
high switching speed and low on resistance. The on-resistance
variation is typically less than 0.5
Ω with an input signal ranging
from 0 V to 5 V.
The bandwidth of the ADG784 is greater than 200 MHz and
this, coupled with low distortion (typically 0.5%), makes the
part suitable for switching fast ethernet signals.
The on-resistance profile is very flat over the full analog input
range ensuring excellent linearity and low distortion when switch-
ing audio signals. Fast switching speed, coupled with high signal
bandwidth, also makes the parts suitable for video signal switch-
ing. CMOS construction ensures ultralow power dissipation
making the parts ideally suited for portable and battery powered
instruments.
The ADG784 operates from a single 3.3 V/5 V supply and is
TTL logic compatible. The control logic for each switch is shown
in the Truth Table.
These switches conduct equally well in both directions when
ON, and have an input signal range that extends to the sup-
plies. In the OFF condition, signal levels up to the supplies
are blocked. The ADG784 switches exhibit break-before-
make switching action.
PRODUCT HIGHLIGHTS
1. Also Available as ADG774 in 16-Lead QSOP and SOIC.
2. Wide Bandwidth Data Rates >200 MHz.
3. Ultralow Power Dissipation.
4. Extended Signal Range.
The ADG784 is fabricated on a CMOS process giving an
increased signal range that fully extends to the supply rails.
5. Low Leakage over Temperature.
6. Break-Before-Make Switching.
This prevents channel shorting when the switches are config-
ured as a multiplexer.
7. Crosstalk is typically –70 dB @ 30 MHz.
8. Off isolation is typically –60 dB @ 10 MHz.
9. Available in Chip Scale Package (CSP).
REV. A
2013
781/461-3113


Số phần tương tự - ADG784

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG784 AD-ADG784 Datasheet
131Kb / 8P
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV.0
ADG784BCP AD-ADG784BCP Datasheet
131Kb / 8P
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV.0
ADG784BCPZ AD-ADG784BCPZ Datasheet
151Kb / 9P
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. A
ADG784BCPZ-REEL AD-ADG784BCPZ-REEL Datasheet
151Kb / 9P
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. A
ADG784BCPZ-REEL7 AD-ADG784BCPZ-REEL7 Datasheet
151Kb / 9P
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. A
More results

Mô tả tương tự - ADG784

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG611 AD-ADG611 Datasheet
152Kb / 12P
1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV.0
ADG774 AD-ADG774 Datasheet
119Kb / 8P
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV.0
ADG784 AD-ADG784 Datasheet
131Kb / 8P
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV.0
ADG633 AD-ADG633 Datasheet
546Kb / 12P
CMOS V/5 V/3 V Triple SPDT Switch
REV.0
ADG774BRZ AD-ADG774BRZ Datasheet
140Kb / 12P
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774BRQZ AD-ADG774BRQZ Datasheet
140Kb / 12P
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG784BCPZ AD-ADG784BCPZ Datasheet
151Kb / 9P
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. A
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com