công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP7030A2P bảng dữ liệu(PDF) 16 Page - Intersil Corporation

tên linh kiện HIP7030A2P
Giải thích chi tiết về linh kiện  J1850 8-Bit 68HC05 Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP7030A2P bảng dữ liệu(HTML) 16 Page - Intersil Corporation

Back Button HIP7030A2P Datasheet HTML 12Page - Intersil Corporation HIP7030A2P Datasheet HTML 13Page - Intersil Corporation HIP7030A2P Datasheet HTML 14Page - Intersil Corporation HIP7030A2P Datasheet HTML 15Page - Intersil Corporation HIP7030A2P Datasheet HTML 16Page - Intersil Corporation HIP7030A2P Datasheet HTML 17Page - Intersil Corporation HIP7030A2P Datasheet HTML 18Page - Intersil Corporation HIP7030A2P Datasheet HTML 19Page - Intersil Corporation HIP7030A2P Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
16
ROM Dump (Command $01):
ROM Dump reads the entire ROM contents and transfers
them one byte at a time via the SPI register. The entire ROM
must be read from start to end. Locations $20-$4F, $100-
$8FF, and $1F00-$1FFF are read in lowest to highest
address sequence. Following the complete ROM contents, a
two byte checksum is transferred.
Read Page 0 (Command $02):
Allows reading of any page 0 byte (i.e., $00-$FF). The com-
mand ($02) is sent, followed by the address, followed by the
data transfer. The data sent is ignored, while the return data
is the contents of the specified address. The three byte
sequence must be repeated for each transfer.
Write Page 0 (Command $03):
Allows writing of any non-ROM, Page 0 byte (i.e., $00-$1F or
$50-$FF). The command ($03) is sent, followed by the
address, followed by the data transfer. The data is written to
the location, while the return data is the contents of the
specified address. The three byte sequence must be
repeated for each transfer. The procedure will work for ROM
locations identically to all other locations, except the write
will be supressed.
Read Mask ID (Command $04):
Transfers the three character custom mask ID assigned to
each customer pattern. The command ($04) is sent, followed
by three data transfers The data sent is ignored, while the
return data is a three character ASCII sequence which
uniquely identifies each customer’s mask ROM pattern.
Resets
The MCU has three reset modes: an active low external
reset pin (RESET), a power-on reset function, and a Com-
puter Operating Properly (COP) reset function.
RESET Pin
The RESET input pin is used to reset the MCU to provide an
orderly software start-up procedure. When using the exter-
nal reset mode, the RESET pin must stay low for a minimum
of one and one half tCYC. The RESET pin contains an inter-
nal Schmitt Trigger as part of its input to improve noise
immunity.
Power-On Reset
The power-on reset occurs when a positive transition is
detected on VDD. The power-on reset is used strictly for
power turn-on conditions and should not be used to detect
any drops in the power supply voltage. There is no provision
for a power-down reset. The power-on circuitry provides for a
4064 tCYC delay from the time that the oscillator becomes
active to allow for stabilization (see Figure 11). If the external
RESET pin is low at the end of the 4064 tCYC time out, the
processor remains in the reset condition until RESET goes
high. Table 3 shows the actions of the two resets on internal
circuits, but not necessarily in order of occurrence (X indi-
cates that the condition occurs for the particular reset).
COP Reset
The COP reset is generated by either of two events: 1) the
Watchdog Timer reaches its maximum value prior to being
cleared, or 2) the Slow Clock Detect circuitry doesn’t detect
a transition on the OSCIN pin during a period of approxi-
mately 2
µs. The COP reset is identical to an external
RESET pin reset, except the Program Counter is loaded with
the address at $1FFA-$1FFB instead of the address at
$1FFE-$1FFF and the Watchdog Flag (bit 0) is set in the
Watchdog Status Register (WSR, location $1E). COP
Resets are discussed under Interrupts.
Interrupts
Systems often require that normal processing be interrupted
so that some external event may be serviced. The
HIP7030A2 may be interrupted by one of six different meth-
ods: either one of four maskable hardware interrupts (IRQ,
SPI, SENDEC, or Timer), one non-maskable Watch-
dog/Slow Clock Detect interrupt, and one non-maskable
software interrupt (SWI). Interrupts such as Timer, SPI, and
SENDEC have several flags which will cause the interrupt.
Generally, interrupt flags are located in read-only status reg-
ister, whereas, their equivalent enable bits are located in
associated control registers. The interrupt flags and enable
bits are never contained in the same register. If the enable
bit is a logic zero it blocks the interrupt from occurring but
does not inhibit the flag from being set. Reset clears all
enable bits to preclude interrupts during the reset procedure.
FIGURE 9. CPU REGISTER SET
FIGURE 10. STACKING ORDER DURING INTERRUPTS
0
7
A
ACCUMULATOR
0
7
X
INDEX REGISTER
0
12
PC
PROGRAM COUNTER
0
12
SP
STACK POINTER
7
1
1
0
0
0
0
0
C
Z
N
I
H
CONDITION CODE REG
CARRY/BORROW
ZERO
NEGATIVE
INTERRUPT MASK
HALF CARRY
0
4
0
CONDITION CODE REG
7
11
DECREASING
1
ACCUMULATOR (A)
INDEX REGISTER (X)
PROGRAM COUNTER HIGH
00
0
PROGRAM COUNTER LOW
ADDRESS
MEMORY
INCREASING
ADDRESS
MEMORY
HIP7030A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com