công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP6004BCV bảng dữ liệu(PDF) 7 Page - Intersil Corporation

tên linh kiện HIP6004BCV
Giải thích chi tiết về linh kiện  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6004BCV bảng dữ liệu(HTML) 7 Page - Intersil Corporation

Back Button HIP6004BCV Datasheet HTML 3Page - Intersil Corporation HIP6004BCV Datasheet HTML 4Page - Intersil Corporation HIP6004BCV Datasheet HTML 5Page - Intersil Corporation HIP6004BCV Datasheet HTML 6Page - Intersil Corporation HIP6004BCV Datasheet HTML 7Page - Intersil Corporation HIP6004BCV Datasheet HTML 8Page - Intersil Corporation HIP6004BCV Datasheet HTML 9Page - Intersil Corporation HIP6004BCV Datasheet HTML 10Page - Intersil Corporation HIP6004BCV Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection’.
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Output Voltage Program
The output voltage of a HIP6004B converter is programmed
to discrete levels between 1.8VDC and 3.5VDC. The voltage
identification (VID) pins program an internal voltage reference
(DACOUT) with a TTL-compatible 5-bit digital-to-analog
converter (DAC). The level of DACOUT also sets the PGOOD
and OVP thresholds. Table 1 specifies the DACOUT voltage
for the 32 different combinations of connections on the VID
pins. The output voltage should not be adjusted while the
converter is delivering power. Remove input power before
changing the output voltage. Adjusting the output voltage
during operation could toggle the PGOOD signal and exercise
the overvoltage protection.
‘11111’ VID pin combination resulting in a 0V output setting
activates the Power-On Reset function and disables the gate
drives circuitry. For this specific VID combination, though,
PGOOD asserts a high level. This unusual behavior has been
implemented in order to allow for operation in dual-
microprocessor systems where AND-ing of the PGOOD signals
from two individual power converters is implemented.
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very
important. Switching current from one power device to another
can generate voltage transients across the impedances of the
interconnecting bond wires and circuit traces. These
interconnecting impedances should be minimized by using
wide, short printed circuit traces. The critical components
should be located as close together as possible, using ground
plane construction or single point grounding.
TABLE 1. OUTPUT VOLTAGE PROGRAM
PIN NAME
NOMINAL OUTPUT
VOLTAGE DACOUT
PIN NAME
NOMINAL OUTPUT
VOLTAGE DACOUT
VID4
VID3
VID2
VID1
VID0
VID4
VID3
VID2
VID1
VID0
011
11
1.30
1
1
1
1
1
0
011
10
1.35
1
1
1
1
0
2.1
011
01
1.40
1
1
1
0
1
2.2
011
00
1.45
1
1
1
0
0
2.3
010
11
1.50
1
1
0
1
1
2.4
010
10
1.55
1
1
0
1
0
2.5
010
01
1.60
1
1
0
0
1
2.6
010
00
1.65
1
1
0
0
0
2.7
001
11
1.70
1
0
1
1
1
2.8
001
10
1.75
1
0
1
1
0
2.9
001
01
1.80
1
0
1
0
1
3.0
001
00
1.85
1
0
1
0
0
3.1
000
11
1.90
1
0
0
1
1
3.2
000
10
1.95
1
0
0
1
0
3.3
000
01
2.00
1
0
0
0
1
3.4
000
00
2.05
1
0
0
0
0
3.5
NOTE: 0 = connected to GND or VSS, 1 = connected to VDD through pull-up resistors.
HIP6004B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com