công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP0061AS2 bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện HIP0061AS2
Giải thích chi tiết về linh kiện  60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0061AS2 bảng dữ liệu(HTML) 9 Page - Intersil Corporation

  HIP0061AS2 Datasheet HTML 1Page - Intersil Corporation HIP0061AS2 Datasheet HTML 2Page - Intersil Corporation HIP0061AS2 Datasheet HTML 3Page - Intersil Corporation HIP0061AS2 Datasheet HTML 4Page - Intersil Corporation HIP0061AS2 Datasheet HTML 5Page - Intersil Corporation HIP0061AS2 Datasheet HTML 6Page - Intersil Corporation HIP0061AS2 Datasheet HTML 7Page - Intersil Corporation HIP0061AS2 Datasheet HTML 8Page - Intersil Corporation HIP0061AS2 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
HIP0061
e
e3
B
HEADER
-A-
E
A
D1
D
ØP
-B-
E2
E1
0.010 (0.25)
A B
M
M
7 PLACES
L
BOTTOM
L1
e1
e2
C
0.024 (0.61)
A
M
ALL LEADS
F
0.006 (0.15)
Single-In-Line Plastic Packages (SIP)
Z7.05C
7 LEAD PLASTIC SINGLE-IN-LINE PACKAGE
STAGGERED VERTICAL LEAD FORM
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.170
0.180
4.32
4.57
-
B
0.028
0.034
0.71
0.86
3, 4
C
0.018
0.024
0.46
0.60
3
D
0.395
0.405
10.04
10.28
-
D1
0.198
0.202
5.03
5.13
-
E
0.595
0.605
15.11
15.37
-
E1
0.350
0.370
8.89
9.39
-
E2
0.110 BSC
2.79 BSC
e
0.050 BSC
1.27 BSC
-
e1
0.200 BSC
5.08 BSC
-
e2
0.169 BSC
4.29 BSC
-
e3
0.300 BSC
7.62 BSC
-
F
0.048
0.055
1.22
1.39
3
L
0.150
0.176
3.81
4.47
-
L1
0.600
0.620
15.24
15.74
-
ØP
0.147
0.152
3.73
3.86
3
Rev. 0 6/95
NOTES:
1. Controlling dimension: INCH.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimensions include lead finish.
4. Dimension “B” does not include dambar protrusion. Allowable
dambar protrusion shall not cause lead width to exceed maxi-
mum “B” by more than 0.003 inches (0.08mm).
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com