| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE7752B bảng dữ liệu(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7752B bảng dữ liệu(HTML) 15 Page - Analog Devices |
|
15 / 24 page ![]() ADE7752B Rev. 0 | Page 15 of 24 Figure 17 shows the connections of the ADE7752B analog inputs with the power lines in a 3-phase, 3-wire delta service. CT Rb* IAP IAN SOURCE Rb* Ra* Rb* VR* Rf Cf Cf VN Ra* VR* Cf LOAD PHASE A PHASE B PHASE C CT Rb* VAP VBP ANTIALIASING FILTERS IBN IBP *Ra >> Rf + VR; *Rb + VR = Rf ANTIALIASING FILTERS Figure 17. 3-Phase, 3-Wire Meter Connection with ADE7752B Note that only two current inputs and two voltage inputs of the ADE7752B are used in this case. The active power calculated by the ADE7752B does not depend on the selected channels. Figure 18 shows the connections of the ADE7752B analog inputs with the power lines in a 3-phase, 4-wire Wye service. SOURCE ICP ICN LOAD CT IBP IBN PHASE A PHASE B PHASE C Rb* Ra* VR* Cf VAP CT Rb* ANTIALIASING FILTERS IAP IAN CT Rb* Rb* Ra* VR* Cf VCP Rf CF VN Rb* Ra* VR* Cf VBP Rb* *Ra >> Rf + VR; *Rb + VR = Rf ANTIALIASING FILTERS ANTIALIASING FILTERS Figure 18. 3-Phase, 4-Wire Meter Connection with ADE7752B |