công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADE7756 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện ADE7756
Giải thích chi tiết về linh kiện  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADE7756 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button ADE7756_15 Datasheet HTML 6Page - Analog Devices ADE7756_15 Datasheet HTML 7Page - Analog Devices ADE7756_15 Datasheet HTML 8Page - Analog Devices ADE7756_15 Datasheet HTML 9Page - Analog Devices ADE7756_15 Datasheet HTML 10Page - Analog Devices ADE7756_15 Datasheet HTML 11Page - Analog Devices ADE7756_15 Datasheet HTML 12Page - Analog Devices ADE7756_15 Datasheet HTML 13Page - Analog Devices ADE7756_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
REV. 0
ADE7756
–10–
AMPS
0.01
–0.50
–0.40
–0.30
–0.20
–0.10
0
0.10
0.20
0.30
0.40
0.50
0.10
1.0
10.0
100.0
PF = 1
GAIN = 8
ON-CHIP REFERENCE
–40 C
+25 C
+85 C
TPC 7. Error as a % of Reading (Power Factor = 1, Internal
Reference, Gain = 8)
AMPS
0.01
–0.50
–0.40
–0.30
–0.20
–0.10
0
0.10
0.20
0.30
0.40
0.50
0.10
1.0
10.0
100.0
PF = 1
GAIN = 16
ON-CHIP REFERENCE
–40 C
+25 C
+85 C
TPC 8. Error as a % of Reading (Power Factor = 1, Internal
Reference, Gain = 16)
AMPS
0.01
–0.50
–0.40
–0.30
–0.20
–0.10
0
0.10
0.20
0.30
0.40
0.50
0.10
1.0
10.0
100.0
PF = 1
GAIN = 1
EXTERNAL REFERENCE
–40 C
+25 C
+85 C
TPC 9. Error as a % of Reading (Power Factor = 1,
External Reference, Gain = 1)
AMPS
0.01
–0.50
–0.40
–0.30
–0.20
–0.10
0
0.10
0.20
0.30
0.40
0.50
0.10
1.0
10.0
100.0
PF = 0.5
GAIN = 8
ON-CHIP REFERENCE
–40 C, PF = 0.5
+25 C, PF = 0.5
+85 C, PF = 0.5
+25 C, PF = 1.0
TPC 10. Error as a % of Reading (Power Factor = 0.5,
Internal Reference, Gain = 8)
AMPS
0.01
–0.50
–0.40
–0.30
–0.20
–0.10
0
0.10
0.20
0.30
0.40
0.50
0.10
1.0
10.0
100.0
PF = 0.5
GAIN = 16
ON-CHIP REFERENCE
–40 C, PF = 0.5
+25 C, PF = 0.5
+85 C, PF = 0.5
+25 C, PF = 1.0
TPC 11. Error as a % of Reading (Power Factor = 0.5,
Internal Reference, Gain = 16)
AMPS
0.01
–0.50
–0.40
–0.30
–0.20
–0.10
0
0.10
0.20
0.30
0.40
0.50
0.10
1.0
10.0
100.0
PF = 1
GAIN = 2
EXTERNAL REFERENCE
–40 C
+85 C
+25 C
TPC 12. Error as a % of Reading (Power Factor = 1,
External Reference, Gain = 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32