| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPC1943 bảng dữ liệu(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC1943 bảng dữ liệu(HTML) 2 Page - NEC |
|
2 / 7 page ![]() Data Sheet G10239EJ3V0DS00 2 µµµµ PC1943,1944 ABSOLUTE MAXIMUM RATINGS (TA = ++++25 °°°°C, unless otherwise specified.) Parameter Symbol Ratings Unit Cathode Voltage VKA 25 V Cathode Current IK 50 mA Cathode to Anode Reverse Current − IK −30 mA Reference Voltage VREF 7V Reference Input Current IREF 50 µ A Reference to Anode Reverse Current − IREF − 10 mA Total Power Dissipation µ PC1943T PT 320 (1600Note)mW µ PC1944T 320 (1600Note)mW µ PC1944J 560 mW µ PC1944GR 385 mW Operating Ambient Temperature TA − 30 to + 85 °C Operating Junction Temperature TJ − 30 to + 125 °C Storage Temperature Tstg − 65 to + 125 °C Note with 16 cm2 × 0.7 mm ceramic substrate. Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter. That is the absolute maximum ratings are rated values at which the product is on the verge of suffering physical damage, and therefore the product must be used under conditions that ensure that the absolute maximum ratings are not exceeded. TYPICAL CONNECTION K A REF VIN R0 R1 R2 VOUT GND VOUT (1 + ) · VREF R2 R1 |