công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCTS161ADMSR bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện HCTS161ADMSR
Giải thích chi tiết về linh kiện  Radiation Hardened Synchronous Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS161ADMSR bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  HCTS161ADMSR Datasheet HTML 1Page - Intersil Corporation HCTS161ADMSR Datasheet HTML 2Page - Intersil Corporation HCTS161ADMSR Datasheet HTML 3Page - Intersil Corporation HCTS161ADMSR Datasheet HTML 4Page - Intersil Corporation HCTS161ADMSR Datasheet HTML 5Page - Intersil Corporation HCTS161ADMSR Datasheet HTML 6Page - Intersil Corporation HCTS161ADMSR Datasheet HTML 7Page - Intersil Corporation HCTS161ADMSR Datasheet HTML 8Page - Intersil Corporation HCTS161ADMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCTS161ADMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead SBDIP
HCTS161AKMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead Ceramic Flatpack
HCTS161AD/Sample
+25oC
Sample
16 Lead SBDIP
HCTS161AK/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
HCTS161AHMSR
+25oC
Die
Die
HCTS161AMS
Radiation Hardened
Synchronous Counter
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16, LEAD FINISH C
TOP VIEW
16 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F16, LEAD FINISH C
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CP
P0
P1
P2
P3
GND
PE
Q0
Q1
Q2
Q3
TE
TC
MR
VCC
SPE
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
CP
P0
P1
P2
P3
GND
PE
MR
Q0
Q1
Q2
Q3
TE
TC
VCC
SPE
Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• Minimum LET for SEU Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-
Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
-VIL = 0.8V Max
-VIH = VCC/2V Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCTS161AMS high-reliability high-speed presettable
four-bit binary synchronous counter features asynchronous reset
and look-ahead carry logic. The HCTS161AMS has an active-low
master reset to zero, MR. A low level at the synchronous parallel
enable, SPE, disables counting and allows data at the preset
inputs (P0 - P3) to load the counter. The data is latched to the
outputs on the positive edge of the clock input, CP. The
HCTS161AMS has two count enable pins, PE and TE. TE also
controls the terminal count output, TC. The terminal count output
indicates a maximum count for one clock pulse and is used to
enable the next cascaded stage to count.
The HCTS161AMS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS161AMS is supplied in a 16 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
September 1995
Spec Number
518888
File Number
2144.2


Số phần tương tự - HCTS161ADMSR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
HCTS161ADMSR RENESAS-HCTS161ADMSR Datasheet
396Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
More results

Mô tả tương tự - HCTS161ADMSR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
HCS160MS INTERSIL-HCS160MS Datasheet
120Kb / 9P
Radiation Hardened BCD Decade Synchronous Counter
September 1995
HCS161MS INTERSIL-HCS161MS Datasheet
127Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCS163MS INTERSIL-HCS163MS Datasheet
131Kb / 9P
Radiation Hardened Synchronous Presettable Counter
September 1995
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
Radiation Hardened Synchronous Counter
July 1999
HCTS163MS INTERSIL-HCTS163MS Datasheet
152Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
logo
Renesas Technology Corp
ACTS161MS RENESAS-ACTS161MS Datasheet
218Kb / 4P
Radiation Hardened 4-Bit Synchronous Counter
January 1996
HCS161MS RENESAS-HCS161MS Datasheet
405Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCS163MS RENESAS-HCS163MS Datasheet
407Kb / 9P
Radiation Hardened Synchronous Presettable Counter
September 1995
HCTS161AMS RENESAS-HCTS161AMS Datasheet
396Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com