| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS74MS bảng dữ liệu(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
HCS74MS bảng dữ liệu(HTML) 2 Page - Intersil Corporation |
|
2 / 9 page ![]() 84 HCS74MS Functional Diagram TRUTH TABLE INPUTS OUTPUTS SET RESET CP D Q Q LH X X HL HL X X LH L L X X H* H* HH HH L HH L L H HH L X Q0 Q0 NOTE: L = Logic Level Low, H = Logic Level High, X = Don’t Care = Transition from Low to High Level Q0 = The level of Q before the indicated input conditions were established. * This configuration is non-stable, that is, it will not persist when set and reset inputs return to their inactive (High) level. 4(10) P N 2(12) CL CL P N CL CL 3(11) P N CL CL P N CL CL CL CL 6(8) 5(9) Q Q S D R 1(13) CP Spec Number 518772 |