| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM6718SFWY6F bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6718SFWY6F bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 30 page ![]() DC and AC parameters STM6717/6718/6719/6720/STM6777/6778/6779/6780 18/30 Doc ID 11469 Rev 8 5 DC and AC parameters This section summarizes the operating measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC and AC characteristics tables that follow, are derived from tests performed under the measurement conditions summarized in Table 5: Operating and AC measurement conditions. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Figure 25. AC testing input/output waveforms Figure 26. MR timing waveform (STM6717/18/19/20) Figure 27. MR timing waveform (STM6777/78/79/80) 1. By connecting a certain capacitor between the MRC pin and VSS, the RST can be delayed from 6 µs or more (tMLMH, see Table 7 on page 21). Table 5. Operating and AC measurement conditions Parameter STM67xx Unit VCC supply voltage 0.8 to 5.5 V Ambient operating temperature (TA) –40 to 85 °C Input rise and fall times ≤ 5ns Input pulse voltages 0.2 to 0.8VCC V Input and output timing ref. voltages 0.3 to 0.7VCC V AI02568 0.8VCC 0.2VCC 0.7VCC 0.3VCC AI10423a RST MR t MLRL t rec t MLMH AI10424c RST MR trec t MLMH (1) t MLRL |