công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC5503C bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện HC5503C
Giải thích chi tiết về linh kiện  Unbalanced PBX/Key System SLIC, Subscriber Line Interface Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503C bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  HC5503C Datasheet HTML 1Page - Intersil Corporation HC5503C Datasheet HTML 2Page - Intersil Corporation HC5503C Datasheet HTML 3Page - Intersil Corporation HC5503C Datasheet HTML 4Page - Intersil Corporation HC5503C Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
49
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
HC5503C
Unbalanced PBX/Key System SLIC,
Subscriber Line Interface Circuit
The Intersil HC5503C is a low cost Subscriber Line Interface
Circuit (SLIC), that replaces the components of an
unbalanced discrete Analog circuit design. The monolithic
integrated design provides improved performance and
system reliability.
The SLIC provides: current limited DC feed to the subscriber
loop, maintains a flat frequency response over the voice
band and beyond, has self resetting thermal protection that
allows conversation to continue while the fault is present,
provides a TTL subscriber off-hook indication even in the
presence of longitudinal currents, provides unbalanced
2-wire transmission while maintaining an excellent
longitudinal balance and limits system power consumption
on short loops.
The HC5503C provides on-hook transmission and
longitudinal current rejection in both the on-hook or off-hook
conditions. The SLIC needs only one +5V supply in addition
to the main battery supply (-24V to -58V) for loop current.
Available in 22PDIP and 24SO packaging. The HC5503C is
ideally suited as a replacement for discrete line circuits in
low cost analog PABX’s, Small Office/Home Office products
or Small Key Systems.
Features
• Monolithic Integrated Device
• Single +5V Supply
• Controlled Supply of Battery Feed Current for Short Loops
(30mA)
• Allows Interfacing With All Ringing Systems
• Switch Hook Detection
• Low Power Consumption During Standby
Applications
• PBX Switches (Analog, Digital or ISDN)
• Key Telephone Systems (KTS)
• ISDN PC Plug in Modems
• ISDN Small Office / Home Office (SOHO) Terminal Adapt-
ers (TA)
• CTI (Computer Telephony Integration) Products
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HC5503CCP
0 to 75
22 Ld PDIP
E22.4
HC5503CCB
0 to 75
24 Ld SOIC
M24.3
LOOP FEED
SPEECH CIRCUIT
LOOP DETECTOR
BIAS
VCC
AGND
DGND
VBAT
VB(INT)
TF
BGND
TIP
RING
C1
TX
RX
SHD
RS
Data Sheet
June 1998
File Number
4503


Số phần tương tự - HC5503C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
HC5503CB INTERSIL-HC5503CB Datasheet
774Kb / 17P
Low Cost 24V SLIC For PABX / Key Systems
June 2004
logo
Renesas Technology Corp
HC5503CB RENESAS-HC5503CB Datasheet
846Kb / 17P
Low Cost 24V SLIC For PABX/Key Systems
June 2004
logo
Intersil Corporation
HC5503CBZ INTERSIL-HC5503CBZ Datasheet
774Kb / 17P
Low Cost 24V SLIC For PABX / Key Systems
June 2004
logo
Renesas Technology Corp
HC5503CBZ RENESAS-HC5503CBZ Datasheet
846Kb / 17P
Low Cost 24V SLIC For PABX/Key Systems
June 2004
logo
Intersil Corporation
HC5503CBZ96 INTERSIL-HC5503CBZ96 Datasheet
774Kb / 17P
Low Cost 24V SLIC For PABX / Key Systems
June 2004
More results

Mô tả tương tự - HC5503C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
SLIC Subscriber Line Interface Circuit
March 1996
HC5503T INTERSIL-HC5503T Datasheet
37Kb / 5P
Balanced PBX/Key System SLIC, Subscriber Line Interface Circuit
June 1998
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
SLIC Subscriber Line Interface Circuit
May 1997
HC-5509A1 INTERSIL-HC-5509A1 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
May 1997
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
July 2003
HC5503T INTERSIL-HC5503T_04 Datasheet
326Kb / 6P
Balanced PBX / Key System SLIC, Subscriber Line Interface Circuit
June 2004
logo
Renesas Technology Corp
HC5503T RENESAS-HC5503T Datasheet
412Kb / 6P
Balanced PBX/Key System SLIC, Subscriber Line Interface Circuit
June 2004
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com