| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DG201 bảng dữ liệu(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
DG201 bảng dữ liệu(HTML) 2 Page - Intersil Corporation |
|
2 / 7 page ![]() 2 Functional Diagram (1/4 DG201) Q3 VREF INPUT GATE PROTECTION RESISTOR Q4 V- Q7 V+ Q8 Q5 Q10 Q12 V+ Q13 Q11 D1 S1 Q14 Q6 V- Q9 Q15 Q1 Q2 Pin Descriptions PIN SYMBOL DESCRIPTION 1IN1 Logic Control for Switch 1 2D1 Drain (Output) Terminal for Switch 1 3S1 Source (Input) Terminal for Switch 1 4 V- Negative Power Supply Terminal 5 GND Ground Terminal (Logic Common) 6S4 Source (Input) Terminal for Switch 4 7D4 Drain (Output) Terminal for Switch 4 8IN4 Logic Control for Switch 4 9IN3 Logic Control for Switch 3 10 D3 Drain (Output) Terminal for Switch 3 11 S3 Source (Input) Terminal for Switch 3 12 VREF Logic Reference Voltage 13 V+ Positive Power Supply Terminal (Substrate) 14 S2 Source (Input) Terminal for Switch 2 15 D2 Drain (Output) Terminal for Switch 2 16 IN2 Logic Control for Switch 2 DG201 |