| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDP1802ACDX bảng dữ liệu(PDF) 26 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
CDP1802ACDX bảng dữ liệu(HTML) 26 Page - Intersil Corporation |
|
26 / 27 page ![]() 3-28 S1 7 9 MARK (X, P) → T, MR2; P → X; R2 - 1 → R2 T R2 1 0 0 Fig. 7 A REQ 0 → Q Float RP 1 1 0 Fig. 6 B SEQ 1 → Q Float RP 1 1 0 Fig. 6 C ADCl MRP + D + DF → DF, D; RP + 1 MRP RP 0 1 0 Fig. 8 D SDBl MRP - D - DFN → DF, D; RP + 1 MRP RP 0 1 0 Fig. 8 E SHLC MSB(D) → DF; DF → LSB(D) Float RP 1 1 0 Fig. 6 F SMBl D - MRP - DFN → DF, D; RP + 1 MRP RP 0 1 0 Fig. 8 8 0 - F GLO RN.0 → D RN.0 RN 1 1 0 Fig. 6 9 0 - F GHl RN.1 → D RN.1 RN 1 1 0 Fig. 6 A 0 - F PLO D → RN.0 D RN 1 1 0 Fig. 6 B 0 - F PHI D → RN.1 D RN 1 1 0 Fig. 6 S1#1 C 0 - 3, 8 - B Long Branch Taken: MRP → B; RP + 1 → RP MRP RP 0 1 0 Fig. 9 #2 Taken: B → RP.1; MRP → RP.0 M(RP + 1) RP + 1 0 1 0 Fig. 9 S1#1 Not Taken: RP + 1 → RP MRP RP 0 1 0 Fig. 9 #2 Not Taken: RP + 1 → RP M(RP + 1) RP + 1 0 1 0 Fig. 9 S1#1 5 6 7 C D E F Long Skip Taken: RP + 1 → RP MRP RP 0 1 0 Fig. 9 #2 Taken: RP + 1 → RP M(RP + 1) RP + 1 0 1 0 Fig. 9 S1#1 Not Taken: No Operation MRP RP 0 1 0 Fig. 9 #2 Not Taken: No Operation MRP RP 0 1 0 Fig. 9 S1#1 4 NOP No Operation MRP RP 0 1 0 Fig. 9 #2 No Operation MRP RP 0 1 0 Fig. 9 S1 D 0 - F SEP N → P NN RN 1 1 0 Fig. 6 E 0 - F SEX N → X NN RN 1 1 0 Fig. 6 S1 F 0 LDX MRX → D MRX RX 0 1 0 Fig. 8 1 2 3 4 5 7 OR AND XOR ADD SD SM MRX OR D → D MRX AND D → D MRX XOR D → D MRX + D → DF, D MRX - D → DF, D D - MRX → DF, D MRX RX 0 1 0 Fig. 8 6 SHR LSB(D) → DF; 0 → MSB(D) Float RX 1 1 0 Fig. 6 TABLE 2. CONDITIONS ON DATA BUS AND MEMORY ADDRESS LINES DURING ALL MACHINE STATES (Continued) STATE I N SYMBOL OPERATION DATA BUS MEMORY ADDRESS MRD MWR N LINES NOTES CDP1802A, CDP1802AC, CDP1802BC |