công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4017BMS bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện CD4017BMS
Giải thích chi tiết về linh kiện  CMOS Counter/Dividers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4017BMS bảng dữ liệu(HTML) 9 Page - Intersil Corporation

Back Button CD4017BMS Datasheet HTML 2Page - Intersil Corporation CD4017BMS Datasheet HTML 3Page - Intersil Corporation CD4017BMS Datasheet HTML 4Page - Intersil Corporation CD4017BMS Datasheet HTML 5Page - Intersil Corporation CD4017BMS Datasheet HTML 6Page - Intersil Corporation CD4017BMS Datasheet HTML 7Page - Intersil Corporation CD4017BMS Datasheet HTML 8Page - Intersil Corporation CD4017BMS Datasheet HTML 9Page - Intersil Corporation CD4017BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
When the Nth decoded output is reached (Nth clock pulse) the
S-R flip-flop (constructed from two NOR gates of the CD4001B)
generates a reset pulse which clears the CD4017BMS or
CD4022BMS to its zero count. At this time, if the Nth decoded
output is greater than or equal to 6 in the CD4017BMS or 5 in
the CD4022BMS, the COUT line goes high to clock the next
CD4017BMS or CD4022BMS counter section. The “0”
decoded output also goes high at this time. Coincidence of the
clock low and decoded “0” output low resets the S-R flip-flop to
enable the CD4017BMS or CD4022BMS. If the Nth decoded
output is less than 6 (CD4017BMS) or 5 (CD4022BMS), the
COUT line will not go high and, therefore, cannot be used. In
this case “0” decoded output may be used to perform the clock-
ing function for the next counter.
FIGURE 11. TYPICAL PROPAGATION DELAY TIME AS A
FUNCTION OF LOAD CAPACITANCE
(CLOCK TO CARRY OUT)
FIGURE 12. TYPICAL DYNAMIC POWER DISSIPATION AS A
FUNCTION OF CLOCK INPUT FREQUENCY
FIGURE 13. PROPAGATION DELAY, SETUP, AND RESET
REMOVAL TIME WAVEFORMS
FIGURE 14. DIVIDE BY N COUNTER (N
≤ 10) WITH N DECODED
OUTPUTS
FIGURE 15. CASCADING THE CD4017BMS
Typical Performance Characteristics (Continued)
SUPPLY VOLTAGE (VDD) = 5V
AMBIENT TEMPERATURE (TA) = +25
oC
10V
15V
700
600
500
400
300
200
100
0102030405060708090100
LOAD CAPACITANCE (CL) (pF)
110
102
103
104
CLOCK INPUT FREQUENCY (fCL) (kHz)
105
10
102
103
104
105
CL = 50pF
CL = 15pF
LOAD CAPACITANCE
SUPPLY VOLTAGE
(VDD) = 15V
10V
5V
10V
AMBIENT TEMPERATURE (TA) = +25
oC
INPUT tr = tf = 20ns
CLOCK
CLOCK
INHIBIT
RESET
DECODE
1-9
DECODE
“0” OR
CARRY
OUTPUT
OUTPUT
TS
TPLH
TPHL
TPHL
TPRHL
TPRLH
Delays Measured Between 50% levels on All Waveforms
CD4017BMS
OR
CD4022BMS
12. . .
N
N DECODED
OUTPUTS
0
CLOCK
CLOCK
INHIBIT
COUT FOR N ≥ 6
f = CLOCK
÷ N
ALTERNATE COUT
FOR N = 2 TO 10
f = CLOCK
÷ N
O DECODED
OUTPUTS
CD4017BMS
C
CE
Q0 Q1 . . . Q8 Q9
R
CD4017BMS
C
CE
Q0 Q1 . . . Q8 Q9
R
CD4017BMS
C
CE
Q0 Q1 . . . Q8 Q9
R
9 DECODED
OUTPUTS
CLOCK
INTERMEDIATE STAGE
8 DECODED
OUTPUTS
8 DECODED
OUTPUTS
LAST STAGE
FIRST STAGE
CD4017BMS, CD4022BMS



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com