| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7797 bảng dữ liệu(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7797 bảng dữ liệu(HTML) 9 Page - Analog Devices |
|
9 / 24 page ![]() AD7796/AD7797 Rev. A | Page 9 of 24 RMS NOISE AND RESOLUTION SPECIFICATIONS Table 6 shows the rms noise of the AD7796/AD7797 for some of the update rates. The numbers given are for the bipolar input range with an external 2.5 V reference. These numbers are typical and are generated with a differential input voltage of 0 V. Table 7 and Table 8 show the effective resolution, while the output peak-to-peak (p-p) resolution is shown in brackets. It is important to note that the effective resolution is calculated using the rms noise, while the p-p resolution is based on the p-p noise. The p-p resolution represents the resolution for which there is no code flicker. These numbers are typical and are rounded to the nearest 0.5 LSB. Table 6. RMS Noise (μV) vs. Output Update Rate for the AD7796/AD7797 Using a 2.5 V Reference Update Rate (Hz) RMS Noise (μV) 4.17 0.065 6.25 0.07 8.33 0.08 10 0.09 12.5 0.1 16.7 0.12 33.2 0.17 50 0.21 62 0.23 123 0.43 Table 7. Typical Resolution (Bits) vs. Output Update Rate for the AD7797 Using a 2.5 V Reference Update Rate (Hz) Effective Bits (p-p) 4.17 19 (16.5) 6.25 19 (16.5) 8.33 19 (16) 10 18.5 (16) 12.5 18.5 (16) 16.7 18.5 (15.5) 33.2 18 (15) 50 17.5 (15) 62 17.5 (14.5) 123 16.5 (13.5) Table 8. Typical Resolution (Bits) vs. Output Update Rate for the AD7796 Using a 2.5 V Reference Update Rate (Hz) Effective Bits (p-p) 4.17 16 (16) 6.25 16 (16) 8.33 16 (16) 10 16 (16) 12.5 16 (16) 16.7 16 (15.5) 33.2 16 (15) 50 16 (15) 62 16 (14.5) 123 16 (13.5) |