công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TOP268EG bảng dữ liệu(PDF) 29 Page - Power Integrations, Inc.

tên linh kiện TOP268EG
Giải thích chi tiết về linh kiện  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWERINT [Power Integrations, Inc.]
Trang chủ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP268EG bảng dữ liệu(HTML) 29 Page - Power Integrations, Inc.

Back Button TOP268EG Datasheet HTML 25Page - Power Integrations, Inc. TOP268EG Datasheet HTML 26Page - Power Integrations, Inc. TOP268EG Datasheet HTML 27Page - Power Integrations, Inc. TOP268EG Datasheet HTML 28Page - Power Integrations, Inc. TOP268EG Datasheet HTML 29Page - Power Integrations, Inc. TOP268EG Datasheet HTML 30Page - Power Integrations, Inc. TOP268EG Datasheet HTML 31Page - Power Integrations, Inc. TOP268EG Datasheet HTML 32Page - Power Integrations, Inc. TOP268EG Datasheet HTML 33Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Rev. E 08/12
29
TOP264-271
www.powerint.com
NOTES:
A. Derived during test from the parameters DC
MAX, IB and IC(OFF) at 132 kHz.
B. For specifications with negative values, a negative temperature coefficient corresponds to an increase in magnitude with increasing
temperature, and a positive temperature coefficient corresponds to a decrease in magnitude with increasing temperature.
C. Guaranteed by characterization. Not tested in production.
D. For externally adjusted current limit values, please refer to Figures 36 and 37 (Current Limit vs. External Current Limit Resistance)
in the Typical Performance Characteristics section. The tolerance specified is only valid at full current limit.
E. I2f calculation is based on typical values of I
LIMIT and fOSC, i.e. ILIMIT(TYP)
2
× f
OSC, where fOSC = 66 kHz or 132 kHz depending on FREQUENCY
pin connection. See f
OSC specification for detail.
F. The device will start up at 18 V
DC drain voltage. The capacitance of electrolytic capacitors drops significantly at temperatures below
0 °C. For reliable start-up at 18 V in sub-zero temperatures, designers must ensure that circuit capacitors meet recommended
capacitance values.
G. Breakdown voltage may be checked against minimum BV
DSS specification by ramping the DRAIN pin voltage up to but not exceeding
minimum BV
DSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com