công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TOP267EG bảng dữ liệu(PDF) 36 Page - Power Integrations, Inc.

tên linh kiện TOP267EG
Giải thích chi tiết về linh kiện  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWERINT [Power Integrations, Inc.]
Trang chủ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP267EG bảng dữ liệu(HTML) 36 Page - Power Integrations, Inc.

Back Button TOP267EG Datasheet HTML 32Page - Power Integrations, Inc. TOP267EG Datasheet HTML 33Page - Power Integrations, Inc. TOP267EG Datasheet HTML 34Page - Power Integrations, Inc. TOP267EG Datasheet HTML 35Page - Power Integrations, Inc. TOP267EG Datasheet HTML 36Page - Power Integrations, Inc. TOP267EG Datasheet HTML 37Page - Power Integrations, Inc. TOP267EG Datasheet HTML 38Page - Power Integrations, Inc. TOP267EG Datasheet HTML 39Page - Power Integrations, Inc. TOP267EG Datasheet HTML 40Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Rev. E 08/12
36
TOP264-271
www.powerint.com
SIDE VIEW
C
A
END VIEW
11×
11×
Detail A
0.059 [1.50]
Ref, typ.
2
8
Notes:
1. Dimensioning and tolerancing per
ASME Y14.5M-1994.
2. Dimensions noted are determined at the outer-
most extremes of the plastic body exclusive of
mold flash, tie bar burrs, gate burrs, and interlead
flash, but including any mismatch between the
top and bottom of the plastic body. Maximum
mold protrusion is 0.007 [0.18] per side.
3. Dimensions noted are inclusive of plating
thickness.
4. Does not include inter-lead flash or protrusions.
5. Controlling dimensions in inches [mm].
6. Datums A and B to be determined at Datum H.
7. Measured with the leads constrained to be
perpendicular to Datum C.
8. Measured with the leads unconstrained.
9. Lead numbering per JEDEC SPP-012.
10. Exposed pad is nominally located at the center-
line of Datums A and B. “Max” dimensions
noted include both size and positional tolerances.
eDIP-12B (V Package)
B
H
TOP VIEW
0.325 [8.26]
Max.
Pin #1 I.D.
(Laser Marked)
0.350 [8.89]
0.070 [1.78]
1 2 3 4
6
12 11 10 9 8 7
7
12
6
0.059 [1.50]
Ref, typ.
1
0.225 [5.72]
Max.
0.192 [4.87]
Ref.
0.436 [11.08]
0.406 [10.32]
0.023 [0.58]
0.018 [0.46]
0.092 [2.34]
0.086 [2.18]
0.049 [1.23]
0.046 [1.16]
0.022 [0.56]
Ref.
0.031 [0.80]
0.028 [0.72]
0.016 [0.41]
0.011 [0.28]
0.400 [10.16]
7
2
3 4
10
10
0.400 [10.16]
0.010 [0.25] Ref.
Seating Plane
0.412 [10.46]
Ref.
0.120 [3.05]
Ref.
0.306 [7.77]
Ref.
0.104 [2.65] Ref.
0.356 [9.04]
Ref.
0.019 [0.48]
Ref.
0.028 [0.71]
Ref.
0.020 [0.51]
Ref.
BOTTOM VIEW
0.010 [0.25] M C A B
2X
0.004 [0.10] C B
DETAIL A (Scale = 9X)
0.004 [0.10] C A
5 ±° 4°
PI-5556a-100311
0.07 [1.78]
0.03 [0.76]
0.400 [10.16]
Mounting
Hole Pattern
Dimensions
Drill Hole
0.03 [0.76]
Round Pad
0.05 [1.27]
Solder Mask 0.056 [1.42]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com