| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TOP264VG bảng dữ liệu(PDF) 2 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP264VG bảng dữ liệu(HTML) 2 Page - Power Integrations, Inc. |
|
2 / 40 page ![]() Rev. E 08/12 2 TOP264-271 www.powerint.com Table 1. Output Power Table. Notes: 1. See Key Application Considerations section for more details. 2. Maximum continuous power in a typical non-ventilated enclosed adapter measured at +50 °C ambient temperature. 3. Maximum continuous power in an open frame design at +50 °C ambient temperature. 4. 230 VAC or 110/115 VAC with doubler. 5. Packages: E: eSIP-7C, V: eDIP-12, K: eSOP-12. See Part Ordering Information section. Output Power Table PCB Copper Area1 Metal Heat Sink1 Product5 230 VAC ±15%4 85-265 VAC Product5 230 VAC ±15% 4 85-265 VAC Adapter2 Open Frame3 Adapter2 Open Frame3 Adapter2 Open Frame3 Adapter2 Open Frame3 TOP264VG 21 W 34 W 12 W 22.5 W TOP264EG/VG 30 W 62 W 20 W 43 W TOP264KG 30 W 49 W 16 W 30 W TOP265VG 22.5 W 36 W 15 W 25 W TOP265EG/VG 40 W 81 W 26 W 57 W TOP265KG 33 W 53 W 20 W 34 W TOP266VG 24 W 39 W 17 W 28.5 W TOP266EG/VG 60 W 119 W 40 W 86 W TOP266KG 36 W 58 W 23 W 39 W TOP267VG 27.5 W 44 W 19 W 32 W TOP267EG/VG 85 W 137 W 55 W 103 W TOP267KG 40 W 65 W 26 W 45 W TOP268VG 30 W 48 W 21.5 W 36 W TOP268EG/VG 105 W 148 W 70 W 112 W TOP268KG 46 W 73 W 30 W 50 W TOP269VG 32 W 51 W 22.5 W 37.5 W TOP269EG/VG 128 W 162 W 80 W 120 W TOP269KG 50 W 81 W 33 W 55 W TOP270VG 34 W 55 W 24.5 W 41 W TOP270EG/VG 147 W 190 W 93 W 140 W TOP270KG 56 W 91 W 36 W 60 W TOP271VG 36 W 59 W 26 W 43 W TOP271EG/VG 177 W 244 W 118 W 177 W TOP271KG 63 W 102 W 40 W 66 W |