công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

QLS25ZD bảng dữ liệu(PDF) 3 Page - Power-One

tên linh kiện QLS25ZD
Giải thích chi tiết về linh kiện  Distributed power architectures
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWER-ONE [Power-One]
Trang chủ  http://www.power-one.com
Logo POWER-ONE - Power-One

QLS25ZD bảng dữ liệu(HTML) 3 Page - Power-One

  QLS25ZD Datasheet HTML 1Page - Power-One QLS25ZD Datasheet HTML 2Page - Power-One QLS25ZD Datasheet HTML 3Page - Power-One QLS25ZD Datasheet HTML 4Page - Power-One QLS25ZD Datasheet HTML 5Page - Power-One QLS25ZD Datasheet HTML 6Page - Power-One QLS25ZD Datasheet HTML 7Page - Power-One QLS25ZD Datasheet HTML 8Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SEP 12, 2003 revised to OCT 26, 2006
Page 3 of 8
www.power-one.com
QLS25 DC-DC Series Data Sheet
25A Quarter-Brick
Output Specifications
All specifications apply over specified input voltage, output load and temperature range, unless otherwise noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage Setpoint Accuracy
Vin=Vin.nom, Full Load
-1
1
%Vout
Output Current*
See selection chart for Irated
10
100
%Irated
Line Regulation
Vin.min to Vin.max, Irated
0.2
%Vout
Load Regulation
Vin=Vin.nom, 10% to 100%Irated
0.2
%Vout
Total output voltage regulation
Over all input voltage, load, and
temperature conditions
-2
2
%Vout
Remote Sense Headroom
0.5
VDC
Dynamic Regulation
Peak Deviation
Settling Time
50-75% load step change
to 1% error band
5
150
%Vout
μs
Admissible Load Capacitance
Irated, Nom Vin
20,000
μF
Output Current Limit Threshold**
Vout≤0.97Vout.nom
110
140
%Irated
Switching Frequency
270
kHz
Overvoltage Protection,
Non Latching
Over all input voltage and load
conditions
120
140
%Vout
Trim Range
Irated, Vin=Vnom
90
110
%Vout
* At Iout<Iout.min, the output may contain low frequency component that exceeds ripple specifications.
** Overcurrent protection is non-latching with auto recovery.
Feature Specifications
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Shutdown (ON/OFF)
Negative Logic
Converter ON
Source Current
Converter OFF
Open Circuit Voltage
Positive Logic
Converter ON
Open Circuit Voltage
Converter OFF
Source Current
On/Off signal is low – converter is ON
ON/OFF pin is connected to -Vin
ON/OFF pin is floating
On/Off signal is low–converter is OFF
ON/OFF pin is floating
ON/OFF pin is connected to -Vin
-1.0
3.5
3.5
-1.0
1.8
1
50
5
50
5
1.8
1
VDC
mADC
VDC
VDC
VDC
VDC
VDC
mADC
Overtemperature
Protection
Average board temperature
105
°C



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com