| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7147 bảng dữ liệu(PDF) 52 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7147 bảng dữ liệu(HTML) 52 Page - Analog Devices |
|
52 / 73 page ![]() Data Sheet AD7147 Rev. D | Page 51 of 72 Table 30. STAGE_COMPLETE_INT_STATUS Register1 Address Data Bit Default Value Type Name Description 0x00A [0] 0 R STAGE0_COMPLETE_INT_STATUS STAGE0 conversion complete register interrupt status 1 = indicates STAGE0 conversion completed [1] 0 R STAGE1_COMPLETE_INT_STATUS STAGE1 conversion complete register interrupt status 1 = indicates STAGE1 conversion completed [2] 0 R STAGE2_COMPLETE_INT_STATUS STAGE2 conversion complete register interrupt status 1 = indicates STAGE2 conversion completed [3] 0 R STAGE3_COMPLETE_INT_STATUS STAGE3 conversion complete register interrupt status 1 = indicates STAGE3 conversion completed [4] 0 R STAGE4_COMPLETE_INT_STATUS STAGE4 conversion complete register interrupt status 1 = indicates STAGE4 conversion completed [5] 0 R STAGE5_COMPLETE_INT_STATUS STAGE5 conversion complete register interrupt status 1 = indicates STAGE5 conversion completed [6] 0 R STAGE6_COMPLETE_INT_STATUS STAGE6 conversion complete register interrupt status 1 = indicates STAGE6 conversion completed [7] 0 R STAGE7_COMPLETE_INT_STATUS STAGE7 conversion complete register interrupt status 1 = indicates STAGE7 conversion completed [8] 0 R STAGE8_COMPLETE_INT_STATUS STAGE8 conversion complete register interrupt status 1 = indicates STAGE8 conversion completed [9] 0 R STAGE9_COMPLETE_INT_STATUS STAGE9 conversion complete register interrupt status 1 = indicates STAGE9 conversion completed [10] 0 R STAGE10_COMPLETE_INT_STATUS STAGE10 conversion complete register interrupt status 1 = indicates STAGE10 conversion completed [11] 0 R STAGE11_COMPLETE_INT_STATUS STAGE11 conversion complete register interrupt status 1 = indicates STAGE11 conversion completed [12] 0 R GPIO_INT_STATUS GPIO input pin status 1 = indicates level on GPIO pin has changed [15:13] Unused Set to 0 1 Registers self-clear to 0 after readback if the limits are not exceeded. Table 31. CDC 16-Bit Conversion Data Registers Address Data Bit Default Value Type Name Description 0x00B [15:0] 0 R CDC_RESULT_S0 STAGE0 CDC 16-bit conversion data 0x00C [15:0] 0 R CDC_RESULT_S1 STAGE1 CDC 16-bit conversion data 0x00D [15:0] 0 R CDC_RESULT_S2 STAGE2 CDC 16-bit conversion data 0x00E [15:0] 0 R CDC_RESULT_S3 STAGE3 CDC 16-bit conversion data 0x00F [15:0] 0 R CDC_RESULT_S4 STAGE4 CDC 16-bit conversion data 0x010 [15:0] 0 R CDC_RESULT_S5 STAGE5 CDC 16-bit conversion data 0x011 [15:0] 0 R CDC_RESULT_S6 STAGE6 CDC 16-bit conversion data 0x012 [15:0] 0 R CDC_RESULT_S7 STAGE7 CDC 16-bit conversion data 0x013 [15:0] 0 R CDC_RESULT_S8 STAGE8 CDC 16-bit conversion data 0x014 [15:0] 0 R CDC_RESULT_S9 STAGE9 CDC 16-bit conversion data 0x015 [15:0] 0 R CDC_RESULT_S10 STAGE10 CDC 16-bit conversion data 0x016 [15:0] 0 R CDC_RESULT_S11 STAGE11 CDC 16-bit conversion data |