| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS80C88-2 bảng dữ liệu(PDF) 23 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
CS80C88-2 bảng dữ liệu(HTML) 23 Page - Intersil Corporation |
|
23 / 32 page ![]() 3-23 FIGURE 25. BUS TIMING - MAXIMUM MODE SYSTEM (USING 82C88) (Continued) NOTES: 22. Signals at 82C84A or 82C86 are shown for reference only. 23. The issuance of the 82C88 command and control signals (MRDC, MWTC, AMWC, IORC, IOWC, AIOWC, INTA and DEN) lags the active high 82C88 CEN. 24. Status inactive in state just prior to T4. 25. Cascade address is valid between first and second INTA cycles. 26. Two INTA cycles run back-to-back. The 80C88 local ADDR/DATA bus is floating during both INTA cycles. Control for pointer address is shown for second INTA cycle. Waveforms (Continued) T1 T2 T3 T4 TW TCLSH (SEE NOTE 24) TCLDX2 TCLDV TCLAX TCLMH (18) TCLML TCHDTH (19) TCLMH TCVNX TCLAV TCHSV TCLSH CLK S2, S1, S0 (EXCEPT HALT) WRITE CYCLE AD7-AD0 DEN AMWC OR AIOWC MWTC OR IOWC 82C88 OUTPUTS SEE NOTES 22, 23 INTA CYCLE A15-A8 (SEE NOTES 25, 26) AD7-AD0 MCE/PDEN DT/R INTA DEN 82C88 OUTPUTS SEE NOTES 22, 23, 25 RESERVED FOR CASCADE ADDR (25) TCLAZ (28) TSVMCH (30) TCLMCH TCVNV SOFTWARE HALT - RD, MRDC, IORC, MWTC, AMWC, IOWC, AIOWC, INTA, S0, S1 = VOH (18) TCLML TCLMH (19) TCLDX1 (7) (18)TCLML POINTER INVALID ADDRESS AD7-AD0 S2, S1, S0 TCHDTL TCHSV (21) (34) (22) (33) (24) DATA TCVNX (36) (19) (6) TDVCL TCLMCL (32) (41) (42) (35) (36) (23) (21) (22) TCLAV (23) TCVNV (35) A15-A8 80C88 |