| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P82C42PD bảng dữ liệu(PDF) 25 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
P82C42PD bảng dữ liệu(HTML) 25 Page - Intel Corporation |
|
25 / 25 page ![]() UPI-C42UPI-L42 Table 4 UPI Instruction Set (Continued) Mnemonic Description Bytes Cycles CONTROL (Continued) SUSPEND Invoke Suspend Power- 1 2 down mode NOP No Operation 1 1 REGISTERS INC Rr Increment register 1 1 INC Rr Increment data 1 1 memory DEC Rr Decrement register 1 1 SUBROUTINE CALL addr Jump to subroutine 2 2 RET Return 1 2 RETR Return and restore 1 2 status FLAGS CLR C Clear Carry 1 1 CPL C Complement Carry 1 1 CLR F0 Clear Flag 0 1 1 CPL F0 Complement Flag 0 1 1 CLR F1 Clear F1 Flag 1 1 CPL F1 Complement F1 Flag 1 1 Mnemonic Description Bytes Cycles BRANCH JMP addr Jump unconditional 2 2 JMPP A Jump indirect 1 2 DJNZ Rr addr Decrement register 2 2 and jump JC addr Jump on Carry e 12 2 JNC addr Jump on Carry e 02 2 JZ addr Jump on A Zero 2 2 JNZ addr Jump on A not Zero 2 2 JT0 addr Jump on T0 e 12 2 JNT0 addr Jump on T0 e 02 2 JT1 addr Jump on T1 e 12 2 JNT1 addr Jump on T1 e 02 2 JF0 addr Jump on F0 Flag e 12 2 JF1 addr Jump on F1 Flag e 12 2 JTF addr Jump on Timer Flag 2 2 e 1 Clear Flag JNIBF addr Jump on IBF Flag 2 2 e 0 JOBF addr Jump on OBF Flag 2 2 e 1 JBb addr Jump on Accumula- 2 2 for Bit UPI-C42UPI-L42 Only REVISION SUMMARY The following has been changed since Revision -003 1 Delete all references to standby power down mode The following has been changed since Revision -002 1 Added information on keyboard controller prod- uct family 2 Added IHI specification for the UPI-L42 The following has been changed since Revision -001 1 Added UPI-L42 references and specification 25 |