| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M80C86-2 bảng dữ liệu(PDF) 2 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
M80C86-2 bảng dữ liệu(HTML) 2 Page - Intel Corporation |
|
2 / 19 page ![]() M80C86M80C86-2 Table 1 Pin Description The following pin function descriptions are for M80C86 systems in either minimum or maximum mode The ‘‘Local Bus’’ in these descriptions is the direct multiplexed bus interface connection to the M80C86 (without regard to additional bus buffers) Symbol Pin No Type Name and Function AD15–AD0 2 – 16 39 IO ADDRESS DATA BUS These lines constitute the time multiplexed memoryIO address (T1) and data (T2 T3 TW T4) bus A0 is analogous to BHE for the lower byte of the data bus pins D7–D0 It is LOW during T1 when a byte is to be transferred on the lower portion of the bus in memory or IO operations Eight-bit oriented devices tied to the lower half would normally use A0 to condition chip select functions (See BHE ) These lines are active HIGH and float to 3-state OFF(1) during interrupt acknowledge and local bus ‘‘hold acknowledge’’ A19 S6 35–38 O ADDRESSSTATUS During T1 these are the four most significant A18 S5 address lines for memory operations During IO operations A17 S4 these lines are LOW During memory and IO operations A16 S3 status information is available on these lines during T2 T3 TW and T4 The status of the interrupt enable FLAG bit (S5) is updated at the beginning of each CLK cycle A17 S4 and A16 S3 are encoded as shown This information indicates which relocation register is presently being used for data accessing These lines float to 3-state OFF(1) during local bus ‘‘hold acknowledge’’ A17 S4 A16 S3 Characteristics 0 (LOW) 0 Alternate Data 0 1 Stack 1 (HIGH) 0 Code or None 1 1 Data S6 is 0 (LOW) BHE S7 34 O BUS HIGH ENABLESTATUS During T1 the bus high enable signal (BHE) should be used to enable data onto the most significant half of the data bus pins D15–D8 Eight-bit oriented devices tied to the upper half of the bus would normally use BHE to condition chip select functions BHE is LOW during T1 for read write and interrupt acknowledge cycles when a byte is to be transferred on the high portion of the bus The S7 status information is available during T2 T3 and T4 The signal is active LOW and floats to 3-state OFF(1) in ‘‘hold’’ It is LOW during T1 for the first interrupt acknowledge cycle BHE A0 Characteristics 0 0 Whole word 0 1 Upper byte from to odd address 1 0 Lower byte from to even address 1 1 None 2 |