| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LXT970A bảng dữ liệu(PDF) 34 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
LXT970A bảng dữ liệu(HTML) 34 Page - Intel Corporation |
|
34 / 74 page ![]() LXT970A — Dual-Speed Fast Ethernet Transceiver 34 Datasheet Table 17. 4B/5B Coding Code Type 4B Code 3 2 1 0 Name 5B Symbol 4 3 2 1 0 Interpretation 0 0 0 0 0 1 1 1 1 0 Data 0 0 0 0 1 1 0 1 0 0 1 Data 1 0 0 1 0 2 1 0 1 0 0 Data 2 0 0 1 1 3 1 0 1 0 1 Data 3 0 1 0 0 4 0 1 0 1 0 Data 4 0 1 0 1 5 0 1 0 1 1 Data 5 0 1 1 0 6 0 1 1 1 0 Data 6 DATA 0 1 1 1 7 0 1 1 1 1 Data 7 1 0 0 0 8 1 0 0 1 0 Data 8 1 0 0 1 9 1 0 0 1 1 Data 9 1 0 1 0 A 1 0 1 1 0 Data A 1 0 1 1 B 1 0 1 1 1 Data B 1 1 0 0 C 1 1 0 1 0 Data C 1 1 0 1 D 1 1 0 1 1 Data D 1 1 1 0 E 1 1 1 0 0 Data E 1 1 1 1 F 1 1 1 0 1 Data F IDLE undefined I 1 1 1 1 1 1 Idle. Used as inter-stream fill code 0 1 0 1 J 2 1 1 0 0 0 Start-of-Stream Delimiter (SSD), part 1 of 2 CONTROL 0 1 0 1 K 2 1 0 0 0 1 Start-of-Stream Delimiter (SSD), part 2 of 2 undefined T 3 0 1 1 0 1 End-of-Stream Delimiter (ESD), part 1 of 2 undefined R 3 0 0 1 1 1 End-of-Stream Delimiter (ESD), part 2 of 2 undefined H 4 0 0 1 0 0 Transmit Error. Used to force signaling errors undefined Invalid 0 0 0 0 0 Invalid undefined Invalid 0 0 0 0 1 Invalid undefined Invalid 0 0 0 1 0 Invalid INVALID undefined Invalid 0 0 0 1 1 Invalid undefined Invalid 0 0 1 0 1 Invalid undefined Invalid 0 0 1 1 0 Invalid undefined Invalid 0 1 0 0 0 Invalid undefined Invalid 0 1 1 0 0 Invalid undefined Invalid 1 0 0 0 0 Invalid undefined Invalid 1 1 0 0 1 Invalid 1. The /I/ (Idle) code-group is sent continuously between frames. 2. The /J/ and /K/ (SSD) code-groups are always sent in pairs; /K/ follows /J/. 3. The /T/ and /R/ (ESD) code-groups are always sent in pairs; /R/ follows /T/. 4. An /H/ (Error) code-group is used to signal an error condition. |