công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

87C196 bảng dữ liệu(PDF) 2 Page - Intel Corporation

tên linh kiện 87C196
Giải thích chi tiết về linh kiện  16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 bảng dữ liệu(HTML) 2 Page - Intel Corporation

  87C196 Datasheet HTML 1Page - Intel Corporation 87C196 Datasheet HTML 2Page - Intel Corporation 87C196 Datasheet HTML 3Page - Intel Corporation 87C196 Datasheet HTML 4Page - Intel Corporation 87C196 Datasheet HTML 5Page - Intel Corporation 87C196 Datasheet HTML 6Page - Intel Corporation 87C196 Datasheet HTML 7Page - Intel Corporation 87C196 Datasheet HTML 8Page - Intel Corporation 87C196 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AUTOMOTIVE 87C196KC
270846 – 1
Figure 1 87C196KC Block Diagram
270846 – 33
Figure 2 The 87C196KC Family Nomenclature
87C196KC Enhanced Feature Set over the 87C196KB
1 The 87C196KC has twice the RAM and twice the EPROM of the 87C196KB Also a Vertical Register
Windowing Scheme allows the extra 256 bytes of RAM to be used as registers This greatly reduces the
context switching time
2 Peripheral Transaction Server (PTS) The PTS is an alternative way to service an interrupt reducing latency
and overhead Each interrupt can be mapped to its PTS channel which acts like a DMA channel Each
interrupt can now do a single or block transfer without executing an Interrupt service routine Special PTS
modes exist for the AD converter HSI and HSO
3 Two extra Pulse Width Modulated outputs The 87C196KC has added 2 PWM outputs that are functionally
compatible to the 87C196KB PWM
4 Timer2 Internal Clocking Timer2 can now be clocked with an internal source every 1 or 8 state times
5 The AD can now perform an 8- as well as a 10-bit conversion 8-bit conversion allows for a faster
conversion time
6 Additional On-chip Memory Security Two UPROM (Uneraseable Programmable Read Only Memory) bits
can be programmed to disable the bus controller for external code and data fetches Once programmed a
UPROM bit cannot be erased By shutting off the bus controller for external fetches no one can try and
gain access to your code by executing from external memory
7 New Instructions The 87C196KC has 5 new instructions An exchange (XCHBXCHW) instruction swaps
two memory locations an Interruptable Block Move Instruction (BMOVI) a Table Indirect Jump (TIJMP)
instruction and two instructions for enabling and disabling the PTS (EPTSDPTS)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21