công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP7C51BH bảng dữ liệu(PDF) 6 Page - Intel Corporation

tên linh kiện TP7C51BH
Giải thích chi tiết về linh kiện  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

TP7C51BH bảng dữ liệu(HTML) 6 Page - Intel Corporation

Back Button TP7C51BH Datasheet HTML 2Page - Intel Corporation TP7C51BH Datasheet HTML 3Page - Intel Corporation TP7C51BH Datasheet HTML 4Page - Intel Corporation TP7C51BH Datasheet HTML 5Page - Intel Corporation TP7C51BH Datasheet HTML 6Page - Intel Corporation TP7C51BH Datasheet HTML 7Page - Intel Corporation TP7C51BH Datasheet HTML 8Page - Intel Corporation TP7C51BH Datasheet HTML 9Page - Intel Corporation TP7C51BH Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AUTOMOTIVE 80C31BH80C51BH87C51
Table 2 Status of the External Pins During Idle and Power Down
Mode
Program
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Memory
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power Down
Internal
0
0
Data
Data
Data
Data
Power Down
External
0
0
Float
Data
Data
Data
NOTE
For more detailed information on the reduced power modes refer to current Embedded Applications Handbook and Applica-
tion Note AP-252 ‘‘Designing with the 80C51BH’’
internal RAM in this event but access to the port
pins is not inhibited To eliminate the possibility of an
unexpected write to a port pin when Idle is terminat-
ed by reset the instruction following the one that
invokes Idle should not be one that writes to a port
pin or to external memory
POWER DOWN MODE
In the Power Down mode the oscillator is stopped
and the instruction that invokes Power Down is the
last instruction executed The on-chip RAM and
Special Function Registers retain their values until
the Power Down mode is terminated
The only exit from Power Down is a hardware reset
Reset redefines the SFRs but does not change the
on-chip RAM The reset should not be activated be-
fore VCC is restored to its normal operating level and
must be held active long enough to allow the oscilla-
tor to restart and stabilize
DESIGN CONSIDERATIONS
 At power on the voltage on VCC and RST must
come up at the same time for a proper start-up
 Before entering the Power Down mode the con-
tents of the Carry Bit and B7 must be equal
 When the Idle mode is terminated by a hardware
reset the device normally resumes program exe-
cution from where it left off up to two machine
cycles before the internal reset algorithm takes
control On-chip hardware inhibits access to inter-
nal RAM in this event but access to the port pins
in not inhibited To eliminate the possibility of an
unexpected write when Idle is terminated by re-
set the instruction following the one that invokes
Idle should not be one that writes to a port pin or
to external memory
 An external oscillator may encounter as much as
a 100 pF load at XTAL1 when it starts up This is
due to interaction between the amplifier and its
feedback capacitance Once the external signal
meets the VIL and VIH specifications the capaci-
tance will not exceed 20 pF
 For EPROM versions exposure to light when the
device is in operation may cause logic errors For
this reason it is suggested that an opaque label
be placed over the window when the die is ex-
posed to ambient light
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16