công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SB80C188EB13 bảng dữ liệu(PDF) 24 Page - Intel Corporation

tên linh kiện SB80C188EB13
Giải thích chi tiết về linh kiện  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

SB80C188EB13 bảng dữ liệu(HTML) 24 Page - Intel Corporation

Back Button SB80C188EB13 Datasheet HTML 20Page - Intel Corporation SB80C188EB13 Datasheet HTML 21Page - Intel Corporation SB80C188EB13 Datasheet HTML 22Page - Intel Corporation SB80C188EB13 Datasheet HTML 23Page - Intel Corporation SB80C188EB13 Datasheet HTML 24Page - Intel Corporation SB80C188EB13 Datasheet HTML 25Page - Intel Corporation SB80C188EB13 Datasheet HTML 26Page - Intel Corporation SB80C188EB13 Datasheet HTML 27Page - Intel Corporation SB80C188EB13 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
DC SPECIFICATIONS (80C186EB80C188EB)
Symbol
Parameter
Min
Max
Units
Notes
VCC
Supply Voltage
45
55
V
VIL
Input Low Voltage
b
05
03 VCC
V
VIH
Input High Voltage
07 VCC
VCC a 05
V
VOL
Output Low Voltage
045
V
IOL e 3 mA (Min)
VOH
Output High Voltage
VCC b 05
V
IOH eb2 mA (MIn)
VHYR
Input Hysterisis on RESIN
050
V
ILI1
Input Leakage Current for Pins
g
15
m
A0V s VIN s VCC
AD150 (AD70) READY HOLD
RESIN CLKIN TEST NMI INT40
T0IN T1IN RXD0 BCLK0 CTS0
RXD1 BCLK1 CTS1 P26 P27
ILI2
Input Leakage Current for Pins
g
0275
g
7mA
0V s VIN k VCC
ERROR PEREQ
ILI3
Input Leakage Current for Pins
b
0275
b
50
mA
VIN e 07 VCC (Note 1)
A19ONCE A1816 LOCK
ILO
Output Leakage Current
g
15
m
A
045 s VOUT s VCC
(Note 2)
ICC
Supply Current Cold (RESET)
80C186EB25
115
mA
(Notes 3 7)
80C186EB20
108
mA
(Note 3)
80C186EB13
73
mA
(Note 3)
IID
Supply Current Idle
80C186EB25
91
mA
(Notes 4 7)
80C186EB20
76
mA
(Note 4)
80C186EB13
48
mA
(Note 4)
IPD
Supply Current Powerdown
80C186EB25
100
m
A
(Notes 5 7)
80C186EB20
100
m
A
(Note 5)
80C186EB13
100
m
A
(Note 5)
CIN
Input Pin Capacitance
0
15
pF
TF e 1 MHz
COUT
Output Pin Capacitance
0
15
pF
TF e 1 MHz (Note 6)
NOTES
1 These pins have an internal pull-up device that is active while RESIN is low and ONCE Mode is not active Sourcing more
current than specified (on any of these pins) may invoke a factory test mode
2 Tested by outputs being floated by invoking ONCE Mode or by asserting HOLD
3 Measured with the device in RESET and at worst case frequency VCC and temperature with ALL outputs loaded as
specified in AC Test Conditions and all floating outputs driven to VCC or GND
4 Measured with the device in HALT (IDLE Mode active) and at worst case frequency VCC and temperature with ALL
outputs loaded as specified in AC Test Conditions and all floating outputs driven to VCC or GND
5 Measured with the device in HALT (Powerdown Mode active) and at worst case frequency VCC and temperature with
ALL
outputs loaded as specified in AC Test Conditions and all floating outputs driven to VCC or GND
6 Output Capacitance is the capacitive load of a floating output pin
7 Operating temperature for 25 MHz is 0 Cto70 C VCC e 50 g10%
24
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com