công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FC80960HT75SL2GT bảng dữ liệu(PDF) 32 Page - Intel Corporation

tên linh kiện FC80960HT75SL2GT
Giải thích chi tiết về linh kiện  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HT75SL2GT bảng dữ liệu(HTML) 32 Page - Intel Corporation

Back Button FC80960HT75SL2GT Datasheet HTML 28Page - Intel Corporation FC80960HT75SL2GT Datasheet HTML 29Page - Intel Corporation FC80960HT75SL2GT Datasheet HTML 30Page - Intel Corporation FC80960HT75SL2GT Datasheet HTML 31Page - Intel Corporation FC80960HT75SL2GT Datasheet HTML 32Page - Intel Corporation FC80960HT75SL2GT Datasheet HTML 33Page - Intel Corporation FC80960HT75SL2GT Datasheet HTML 34Page - Intel Corporation FC80960HT75SL2GT Datasheet HTML 35Page - Intel Corporation FC80960HT75SL2GT Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
80960HA/HD/HT
26
Advance Information Datasheet
3.4
Heat Sink Adhesives
Intel recommends silicone-based adhesives to attach heat sinks to the PGA package. There is no
particular recommendation concerning the PQ4 package.
3.5
PowerQuad4 Plastic Package
The 80960Hx family is available in an improved version of the common 208-lead SQFP plastic
package called the PowerQuad4* (PQ4). The PQ4 package dimensions and lead pitch are identical
to the SQFP package and the former PQ2 package, so the PQ4 fits into the same board footprint.
The advantage of the PQ4 package is the superior thermal conductivity that allows the plastic
version of the 80960Hx to operate with the same 0-85°C temperature specifications as the more
expensive ceramic PGA package.
The PQ4 package integrates a copper heat sink within the package to dissipate heat effectively. See
Table 14 and Table 15.
3.6
Stepping Register Information
The memory-mapped register at FF008710H contains the 80960Hx Device ID. The ID is identical
to the ID obtained from a JTAG Query. Figure 6 defines the current 80960Hx Device IDs. The
value for device identification is compliant with the IEEE 1149.1 specification and Intel standards.
Table 16 describes the fields of the device ID.
Figure 6. 80960Hx Device Identification Register
28
24
20
40
16
12
8
1
1
0
0
1
0
0
0
0
0
0
0
Manufacturer ID
Part Number
Version
Model
Gen
Product
Type
VCC
0
1
0
0
0
0
1
0
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com