công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IDT74FCT166244ATPVB bảng dữ liệu(PDF) 9 Page - Integrated Device Technology

tên linh kiện IDT74FCT166244ATPVB
Giải thích chi tiết về linh kiện  FAST CMOS 16-BIT BUFFER/LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT166244ATPVB bảng dữ liệu(HTML) 9 Page - Integrated Device Technology

  IDT74FCT166244ATPVB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT166244ATPVB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT166244ATPVB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT166244ATPVB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT166244ATPVB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT166244ATPVB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT166244ATPVB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT166244ATPVB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT166244ATPVB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
5.2
9
IDT54/74FCT16244T/AT/CT/ET, 162244T/AT/CT/ET,
166244T/AT/CT, 162H244T/AT/CT/ET FAST CMOS 16-BIT BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ORDERING INFORMATION
IDT
XX
Temp. Range
XXXX
Device Type
X
Package
X
Process
Blank
B
PV
PA
PF
E
244T
244AT
244CT
244ET
Commercial
MIL-STD-883, Class B
Shrink Small Outline Package (SO48-1)
Thin Shrink Small Outline Package (SO48-2)
Thin Very Small Outline Package (SO48-3)
CERPACK (E48-1)
Non-Inverting 16-Bit Buffer/Line Driver
54
74
–55
°C to +125°C
–40
°C to +85°C
FCT
2544 drw 10
X
Drive
Blank
H
Standard
Bus-hold
X
Bus Hold
16
162
166
16-Bit High Drive
16-Bit Balanced Drive
16-Bit Light Drive



Html Pages

1 2 3 4 5 6 7 8 9