công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IDT74FCT166H245TPVB bảng dữ liệu(PDF) 5 Page - Integrated Device Technology

tên linh kiện IDT74FCT166H245TPVB
Giải thích chi tiết về linh kiện  FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT166H245TPVB bảng dữ liệu(HTML) 5 Page - Integrated Device Technology

  IDT74FCT166H245TPVB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT166H245TPVB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT166H245TPVB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT166H245TPVB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT166H245TPVB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT166H245TPVB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT166H245TPVB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT166H245TPVB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT166H245TPVB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5.3
5
IDT54/74FCT16245T/AT/CT/ET, 162245T/AT/CT/ET, IDT54/74FCT166245T/AT/CT, IDT54/74FCT162H245T/AT/CT/ET
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE (BUS HOLD)
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA =–40
°C to +85°C, VCC = 5.0V ± 10%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
—
—
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
—
—
0.8
V
II H
Input
Standard Input(5)
VCC = Max.
VI = VCC
——
±1
µA
HIGH
Standard I/O(5)
——
±1
Current(4)
Bus Hold Input
—
—
±100
Bus Hold I/O
—
—
±100
II L
Input
Standard Input(5)
VI = GND
—
—
±1
LOW
Standard I/O(5)
——
±1
Current(4)
Bus Hold Input
—
—
±100
Bus Hold I/O
—
—
±100
IBHH
Bus Hold
Bus Hold Input
VCC = Min.
VI = 2.0V
–50
—
—
µA
IBHL
Sustain
Current(4)
VI = 0.8V
+50
—
—
IOZH
High Impedance Output Current
VCC = Max.
VO = 2.7V
—
—
±1
µA
IOZL
(3-State Output pins)(5,6)
VO = 0.5V
—
—
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
—
–
0.7
–
1.2
V
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
–80
–
140
–
225
mA
VH
Input Hysteresis
—
—
100
—
mV
ICCL
ICCH
ICCZ
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
—
5
500
µA
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25
°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. Pins with Bus Hold are identified in the pin description.
5. The test limit for this parameter is
± 5µA at TA = –55°C.
6. Does not include Bus Hold I/O pins.
2545 lnk 09



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com