| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
80960HT bảng dữ liệu(PDF) 66 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960HT bảng dữ liệu(HTML) 66 Page - Intel Corporation |
|
66 / 102 page ![]() 80960HA/HD/HT 60 Advance Information Datasheet Figure 43. Burst, Pipelined Read Request without Wait States, 32-Bit Bus ADS A31:4, SUP, CT3:0, D/C, BE3:0,LOCK W/R BLAST DT/R DEN A3:2 WAIT D31:0, CLKIN A D DDA' D' D' Valid Valid In- Valid Valid 01 10 11 00 IN D IN D IN D IN D IN D IN D Valid D In- Valid DP3:0 PCHK 1 2 Burst Bus Width Odd Parity NXDA NWDD NWAD NRDD 29 28 21 24 23-22 20 12-8 19-16 15-14 7-6 4-0 Enabled 1 ON 1 X xxxx 32-Bit X x Enabled 1 X xx X xxxxx 0 00 X x 0 00000 Function Bit Value External Ready Control Pipe- Lining Parity Enable NRAD NOTE: Bits 31-30, 27-25, 13, and 5 are reserved. 10 PMCON 1. Non-pipelined request concludes, pipelined reads begin 2. Pipelined reads conclude, non-pipelined requests begin |