công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

80960HD bảng dữ liệu(PDF) 81 Page - Intel Corporation

tên linh kiện 80960HD
Giải thích chi tiết về linh kiện  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

80960HD bảng dữ liệu(HTML) 81 Page - Intel Corporation

Back Button 80960HD Datasheet HTML 77Page - Intel Corporation 80960HD Datasheet HTML 78Page - Intel Corporation 80960HD Datasheet HTML 79Page - Intel Corporation 80960HD Datasheet HTML 80Page - Intel Corporation 80960HD Datasheet HTML 81Page - Intel Corporation 80960HD Datasheet HTML 82Page - Intel Corporation 80960HD Datasheet HTML 83Page - Intel Corporation 80960HD Datasheet HTML 84Page - Intel Corporation 80960HD Datasheet HTML 85Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
75
Figure 59. Bus States
Ti = IDLE
Th = HOLD
Ta = ADDRESS
Td = DATA
Tb = BOFF’ed
Taw= address to data wait
To = ONCE
Ta
Tb
Td1
Taw2
Trw4
Tdw3
Th
Ti
To
Tdw= data to data wait
Tdw= data to address wait
!BOFF and READ and Nrdd =0
READ and Nrdd >0 or
WRITE and Nwdd >0
BOFF
WdCNT = 1
!BOFF and
WaCNT = 1
WxCNT=1 and
HOLD
WxCNT > 1
BOFF
!BOFF
HOLD
HOLD
!HOLD
NOTE:
1. When the PMCON for the region has External Ready Control enabled, wait states are inserted as
long as READY and BTERM are de-asserted. When Read Pipelining is enabled, the Ta state of the
subsequent read access is concurrent with the last data cycle of the access. Because External
Ready Control is disabled for Read Pipelining, the address cycle occurs during BLAST.
2. WaCNT is decremented during Taw
3. WdCNT is decremented during Tdw
4. WxCNT is decremented during Trw
!HOLD and WxCNT=1
and !REQUEST
!HOLD and WxCNT=1
and REQUEST
!RESET and
!HOLD and
REQUEST
RESET and
ONCE and
RESET
WaCNT > 1
READ and Nrad >0 or
WRITE and Nwad >0
!BOFF and READ and Nrad =0 or
!BOFF and WRITE and Nwad =0
!BOFF and READY and !BLAST or
!HOLD and BLAST and REQUEST and NXDA =0
WdCNT > 1
KEY:
!BOFF and
and Nxda=0
HOLD and BLAST
!BOFF and !HOLD and
Nxda =0
BLAST and
and !BLAST or !BOFF and
WRITE and Nwdd = 0 and !BLAST or
Nxda >0
REQUEST= One or more
requests in the bus queue.
READ= The current
access is a read.
WRITE= The current
access is a write.
RESET
BLAST and
BOFF
and !REQUEST
!ONCE
READY!
!BOFF and BTERM and !BLAST or !BOFF and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More