| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
80960HA bảng dữ liệu(PDF) 18 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960HA bảng dữ liệu(HTML) 18 Page - Intel Corporation |
|
18 / 102 page ![]() 80960HA/HD/HT 12 Advance Information Datasheet 3.2 80960Hx Mechanical Data 3.2.1 80960Hx PGA Pinout Figure 2 depicts the complete 80960Hx PGA pinout as viewed from the top side of the component (i.e., pins facing down). Figure 3 shows the complete 80960Hx PGA pinout as viewed from the pin-side of the package (i.e., pins facing up). Table 9 lists the 80960Hx pin names with package location. See Section 4.3, “Recommended Connections” on page 30 for specifications and recommended connections. Figure 2. 80960Hx 168-Pin PGA Pinout — View from Top (Pins Facing Down) D5 D7 D8 D9 D11 D12 D13 D15 D16 D17 D19 D21 D24 D25 D2 D4 D6 VCC D10 VCC VCC D14 VCC D18 D20 D23 D27 D29 NC D0 VCC VSS VSS VSS VSS VSS VSS VCC D22 D31 READY D26 D28 BTERM HOLDA D30 HOLD BE3 VCC ADS BE2 VSS VCC BE1 VSS VCC BLAST VSS BE0 DEN VSS VCC W/R VSS VCC DT/R A29 LOCK SUP WAIT BSTALL A28 A30 BREQ D/C D3 D1 ONCE VSS VCC5 VCC VSS VSS VSS VSS VSS CLKIN VCC VSS BOFF STEST DP1 DP3 TCK TMS VCC PCHK VCC VCCPLL VCC NC NC VCC VSS FAIL DP0 DP2 VOLDET TRST TDI TDO NC NC CTO CT2 CT3 CT1 VSS A2 VCC A22 A25 A20 VSS A3 A5 NMI VCC VSS VSS VSS VSS VSS A24 A31 A26 A4 VCC A6 A8 A9 A10 A11 A12 A14 A15 A17 A18 VCC VCC VCC A13 VCC A16 A19 A21 A23 A27 A7 XINT6 XINT7 XINT4 XINT3 XINT5 XINT0 RESET XINT2 XINT1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 A B C D E F G H J K L M N P Q R S A B C D E F G H J K L M N P Q R S i © 19xx A80960Hx XXXXXXXX SS M |