công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5253 bảng dữ liệu(PDF) 20 Page - Analog Devices

tên linh kiện AD5253
Giải thích chi tiết về linh kiện  Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5253 bảng dữ liệu(HTML) 20 Page - Analog Devices

Back Button AD5253 Datasheet HTML 16Page - Analog Devices AD5253 Datasheet HTML 17Page - Analog Devices AD5253 Datasheet HTML 18Page - Analog Devices AD5253 Datasheet HTML 19Page - Analog Devices AD5253 Datasheet HTML 20Page - Analog Devices AD5253 Datasheet HTML 21Page - Analog Devices AD5253 Datasheet HTML 22Page - Analog Devices AD5253 Datasheet HTML 23Page - Analog Devices AD5253 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD5253/AD5254
Data Sheet
Rev. C | Page 20 of 32
I2C-COMPATIBLE 2-WIRE SERIAL BUS
SDA
FRAME 1
SLAVE ADDRESS BYTE
FRAME 2
INSTRUCTION BYTE
SCL
ACK. BY
AD525x
ACK. BY
AD525x
ACK. BY
AD525x
FRAME 1
DATA BYTE
STOP BY
MASTER
START BY
MASTER
0
1
1
0
1
1
AD1 AD0 R/W
X
X
X
X
X
X
X
X
D7
D6
D5
D4
D3
D2
D1
D0
9
1
9
1
9
Figure 33. General I2C Write Pattern
SDA
FRAME1
SLAVE ADDRESS BYTE
FRAME 2
RDAC REGISTER
SCL
ACK. BY
AD525x
NO ACK. BY
MASTER
STOP BY
MASTER
START BY
MASTER
0
1
1
0
1
1
AD1 AD0
D7
D6
D5
D4
D3
D2
D1
D0
9
1
9
R/W
Figure 34. General I2C Read Pattern
The first byte of the AD5253/AD5254 is a slave address byte
(see Figure 33 and Figure 34). It has a 7-bit slave address and an
R/W bit. The 5 MSB of the slave address is 01011, and the next
2 LSB is determined by the states of the AD1 and AD0 pins.
AD1 and AD0 allow the user to place up to four
AD5253/AD5254 devices on one bus.
AD5253/AD5254 can be controlled via an I2C-compatible serial
bus and are connected to this bus as slave devices. The 2-wire
I2C serial bus protocol (see Figure 33 and Figure 34) follows:
1. The master initiates a data transfer by establishing a start
condition, such that SDA goes from high to low while SCL
is high (see Figure 33). The following byte is the slave
address byte, which consists of the 5 MSB of a slave address
defined as 01011. The next two bits are AD1 and AD0, I2C
device address bits. Depending on the states of their AD1
and AD0 bits, four AD5253/AD5254 devices can be
addressed on the same bus. The last LSB, the R/W bit,
determines whether data is read from or written to the
slave device.
The slave whose address corresponds to the transmitted
address responds by pulling the SDA line low during the
ninth clock pulse (this is called an acknowledge bit). At
this stage, all other devices on the bus remain idle while
the selected device waits for data to be written to or read
from its serial register.
2. In the write mode (except when restoring EEMEM to the
RDAC register), there is an instruction byte that follows
the slave address byte. The MSB of the instruction byte is
labeled CMD/REG. MSB = 1 enables CMD, the command
instruction byte; MSB = 0 enables general register writing.
The third MSB in the instruction byte, labeled EE/RDAC,
is true when MSB = 0 or when the device is in general
writing mode. EE enables the EEMEM register, and REG
enables the RDAC register. The 5 LSB, A4 to A0, designates
the addresses of the EEMEM and RDAC registers (see
Figure 27 and Figure 28). When MSB = 1 or when the
device is in CMD mode, the four bits following the MSB
are C3 to C1, which correspond to 12 predefined EEMEM
controls and quick commands; there are also four factory-
reserved commands. The 3 LSB—A2, A1, and A0—are 4-
channel RDAC addresses (see Figure 31). After
acknowledging the instruction byte, the last byte in the
write mode is the data byte. Data is transmitted over the
serial bus in sequences of nine clock pulses (eight data bits
followed by an acknowledge bit). The transitions on the
SDA line must occur during the low period of SCL and
remain stable during the high period of SCL (see Figure 33).
3. In current read mode, the RDAC0 data byte immediately
follows the acknowledgment of the slave address byte.
After an acknowledgement, RDAC1 follows, then RDAC2,
and so on. (There is a slight difference in write mode,
where the last eight data bits representing RDAC3 data are
followed by a no acknowledge bit.) Similarly, the
transitions on the SDA line must occur during the low
period of SCL and remain stable during the high period of
SCL (see Figure 34). Another reading method, random
read method, is shown in Figure 30.
4. When all data bits have been read or written, a stop
condition is established by the master. A stop condition is
defined as a low-to-high transition on the SDA line that
occurs while SCL is high. In write mode, the master pulls
the SDA line high during the 10th clock pulse to establish a
stop condition (see Figure 33). In read mode, the master
issues a no acknowledge for the ninth clock pulse, that is,
the SDA line remains high. The master brings the SDA line
low before the 10th clock pulse and then brings the SDA
line high to establish a stop condition (see Figure 34).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com