| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4591 bảng dữ liệu(PDF) 11 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
4591 bảng dữ liệu(HTML) 11 Page - List of Unclassifed Manufacturers |
|
11 / 16 page ![]() FIBERFISH LAN ProNavigator® is a network data and coaxial continuity tester with test results at both ends. Simple PASS/FAIL test results in one second! Identify opens, shorts, crosses and split pairs with Fault Check function. Generates oscillating tone to trace wires with your speaker probe. Auto-off to conserve battery power. 9V battery, belt clips and patch cords included. P/N 1543 1543 FIBERFISH are non-conductive 3/16” fiberglass rods available in 3’ or 6’ sections. The rods screw together to make longer lengths for fishing wire in existing walls, attics or across drop ceilings and under carpet. Each kit includes a bullnose tip - other attachments available separately. Easy to use for beginners or professionals. P/N 1752 6’ Rod Kit (5 rods) P/N 1765 3’ Rod Kit (8 rods) 1765 FiberSnake is designed specifically for use in conduit and is made from fiber- glass reinforced composite core with rugged plastic coating. Bull nose at each end so wires can be pulled from either direction. 25’ & 40’ models contained in PVC storage case. 100’ model comes in steel cage with hand operated brake. P/N 1753 - 25’ FiberSnake P/N 1754 - 40’ FiberSnake P/N 1755 - 100’ FiberSnake 1753 LAN ProNavigator® Kit also includes coax patch cords, adapters and coupler in a blow-mold case complete with form-fitting foam. P/N 901066 901066 11 |